Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1574B Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1574B Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS1574B Datasheet HTML 2Page - Renesas Technology Corp ICS1574B Datasheet HTML 3Page - Renesas Technology Corp ICS1574B Datasheet HTML 4Page - Renesas Technology Corp ICS1574B Datasheet HTML 5Page - Renesas Technology Corp ICS1574B Datasheet HTML 6Page - Renesas Technology Corp ICS1574B Datasheet HTML 7Page - Renesas Technology Corp ICS1574B Datasheet HTML 8Page - Renesas Technology Corp ICS1574B Datasheet HTML 9Page - Renesas Technology Corp ICS1574B Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICS1574B
6
Figure 4
Power Supplies and Decoupling
The ICS1574B has two VSS pins to reduce the effects of
package inductance. Both pins are connected to the same
potential on the die (the ground bus). BOTH of these pins
should connect to the ground plane of the PCB as close to
the package as is possible.
The ICS1574B has a VDDO pin which is the supply of +5
volt power to the output driver. This pin should be con-
nected to the power plane (or bus) using standard
high-frequency decoupling practice. That is, capacitors
should have low series inductance and be mounted close to
the ICS1574B.
The VDD pin is the power supply pin for the PLL synthe-
sizer circuitry and other lower current digital functions.
We recommend that RC decoupling or zener regulation be
provided for this pin (as shown in the recommended appli-
cation circuitry). This will allow the PLL to “track”
through power supply fluctuations without visible effects.
See Figure 4 for typical external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com