Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECST1V1308-1200-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # ECST1V1308-1200-R
Description  SMT current sense transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ECST1V1308-1200-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  ECST1V1308-1200-R Datasheet HTML 1Page - Eaton All Rights Reserved. ECST1V1308-1200-R Datasheet HTML 2Page - Eaton All Rights Reserved. ECST1V1308-1200-R Datasheet HTML 3Page - Eaton All Rights Reserved. ECST1V1308-1200-R Datasheet HTML 4Page - Eaton All Rights Reserved. ECST1V1308-1200-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1188
Effective April 2022
ECST1V1308
SMT current sense transformer
www.eaton.com/electronics
Product specifications
Part number3
Turns ratio
sec:pri
Secondary
inductance (mH)
@ 100 kHz 0.3 V
minimum
DCR sec (Ω)
maximum
DCR pri (mΩ)
reference
Hi-pot pri to sec
@ 3 mA 3 seconds
50 Hz
Sensed
current1 (A)
maximum
ECST1V1308-1020-R
20:1
0.22
0.21
3.9
500 Vac
15
ECST1V1308-1030-R
30:1
0.5
0.32
3.9
500 Vac
15
ECST1V1308-1040-R
40:1
0.88
0.5
3.9
500 Vac
15
ECST1V1308-1050-R
50:1
1.4
0.65
3.9
500 Vac
15
ECST1V1308-1060-R
60:1
2
0.81
3.9
500 Vac
15
ECST1V1308-1070-R
70:1
2.7
1
3.9
500 Vac
15
ECST1V1308-1080-R
80:1
3.5
1.3
3.9
500 Vac
15
ECST1V1308-1100-R
100:1
5.6
2
3.9
500 Vac
15
ECST1V1308-1125-R
125:1
8.7
5.2
3.9
500 Vac
15
ECST1V1308-1150-R
150:1
12.6
6.5
3.9
500 Vac
15
ECST1V1308-1200-R
200:1
22
8
3.9
500 Vac
15
Mechanical parameters, schematic, pad layout (mm)
Dimension
Value
A
11.00 maximum
B
13.00 maximum
C
7.80 maximum
E
0.7
F
0.25 ref
G
0.8 ±0.2
H
2.5 ±0.3
1. Primary current of 15 A causes less than 40°C temperature rise @ +25°C ambient. Higher current causes a greater
temperature rise
2. Electrical specifications at +25 °C
3. Part Number Definition: ECST1V1308-1xxx-R
ECST1V1308 = Product code and size
1xxx= Turns ratio sec:pri; 1=pri, xxx=sec; 1020= 20:1
-R suffix = RoHS compliant
Schematic
Recommended PCB Layout
Part marking: White dot, Pin 1 indicator
All soldering surfaces to be coplanar within 0.15 millimeters
Tolerances are ±0.1 millimeters unless stated otherwise
Traces or vias underneath the inductor is not recommended



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com