Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8430S07I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8430S07I
Description  Clock Generator for Cavium Processors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8430S07I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8430S07I Datasheet HTML 1Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 2Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 3Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 4Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 5Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 6Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 7Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 8Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DATA SHEET
ICS8430S07AKI REVISION A SEPTEMBER 3, 2009
1
©2009 Integrated Device Technology, Inc.
Clock Generator for Cavium Processors
ICS8430S07I
General Description
The ICS8430S07I is a PLL-based clock generator
specifically designed for Cavium Networks SoC
processors. This high performance device is optimized
to generate the processor core reference clock, the
DDR reference clocks, the PCI/PCI-X bus clocks, and
the clocks for both the Gigabit Ethernet MAC and PHY. The clock
generator offers ultra low-jitter, low-skew clock outputs, and edge
rates that easily meet the input requirements for the
CN3005/CN3010/CN3020 processors. The output frequencies are
generated from a 25MHz external input source or an external 25MHz
parallel resonant crystal. The extended temperature range of the
ICS8430S07I supports telecommunication, networking, and storage
requirements.
Applications
• Systems using CN30XX MIPS64 Broadband Processors
• Networking, control and storage equipment, including routers,
switches, application-aware gateways, triple-play gateways,
WLAN and 3G/4G access and aggregation devices, storage
arrays, storage networking equipment, servers, and intelligent
NICs
• 802.11 a/b/g/n wireless for home data and multi-media distribution
• QoS for high quality Voice, Video, and Data Service
• Next-generation PON, VDSL2, and Cable Networks
• High-performance NAS
• Audio/Video Storage and Distribution
• Consumer Space Media Server
Features
• One selectable differential LVPECL output pair for DDR
533/400/667
• Six LVCMOS/ LVTTL outputs, 15Ω typical output impedance
- One selectable core clock for the processor
- One selectable clock for the PCI/ PCI-X bus
- One 125MHz clock reference for GbE MAC
- Three 25MHz clock references for GbE PHY
• Selectable external crystal or differential (single-ended) input
source
• Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
• Differential input pair (CLK, nCLK) accepts LVPECL, LVDS,
LVHSTL, SSTL, HCSL input levels
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.78ps (typical), QD output
• Output supply:
LVPECL – 3.3V Core
LVCMOS – Core/Output
3.3V/3.3V
3.3V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
HiPerClockS™
ICS
Pin Assignment
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD
nPLL_SEL
XTAL_IN
XTAL_ OUT
nXTAL_SEL
CLK
nCLK
GND
QC
GND
GND
VDDO_B
VDDO_C
MR/ nOE_REF
CORE_SEL
ICS8430S07I
32-Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View
QB


Similar Part No. - ICS8430S07I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8430S07I IDT-ICS8430S07I Datasheet
885Kb / 26P
Clock Generator for Cavium Processors
More results

Similar Description - ICS8430S07I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
CLOCK GENERATOR FOR CAVIUM PROCESSORS
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
Clock Generator for Cavium Processors
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
Clock Generator for Cavium Processors
October 11, 2019
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
Clock Generator for Cavium Processors
06/30/15
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
MARCH 28, 2011
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
Clock Generator for Cavium Processors
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com