Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS853S54I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS853S54I
Description  Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S54I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS853S54I Datasheet HTML 1Page - Renesas Technology Corp ICS853S54I Datasheet HTML 2Page - Renesas Technology Corp ICS853S54I Datasheet HTML 3Page - Renesas Technology Corp ICS853S54I Datasheet HTML 4Page - Renesas Technology Corp ICS853S54I Datasheet HTML 5Page - Renesas Technology Corp ICS853S54I Datasheet HTML 6Page - Renesas Technology Corp ICS853S54I Datasheet HTML 7Page - Renesas Technology Corp ICS853S54I Datasheet HTML 8Page - Renesas Technology Corp ICS853S54I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ICS853S54AKI May 27, 2017
2
©2017 Integrated Device Technology, Inc.
ICS853S54I Data Sheet
DUAL 2:1, 1:2 DIFFERENTIAL-TO-LVPECL/ECL MULTIPLEXER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. Control Input Function Table, (Bank A)
Table 3B. Control Input Function Table, (Bank B)
Number
Name
Type
Description
1, 2
QB0, nQB0
Output
Differential output pair. LVPECL/ECL interface levels.
3, 4
QB1, nQB1
Output
Differential output pair. LVPECL/ECL interface levels.
5
PCLKB
Input
Pulldown
Non-inverting LVPECL/ECL differential clock input.
6
nPCLKB
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
7
CLK_SELB
Input
Pulldown
Clock select pin for QBx outputs. When HIGH, selects QB1/nQB1 outputs.
When LOW, selects QB0/nQB0 outputs. LVCMOS/LVTTL interface levels.
8VEE
Power
Negative supply pin.
9
nPCLKA1
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
10
PCLKA1
Input
Pulldown
Non-inverting LVPECL/ECL differential clock input.
11
nPCLKA0
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
12
PCLKA0
Input
Pulldown
Non-inverting LVPECL/ECL differential clock input.
13
VCC
Power
Positive supply pin.
14
CLK_SELA
Input
Pulldown
Clock select pin for QA output. When HIGH, selects QA output. When LOW,
selects nQA output. LVCMOS/LVTTL interface levels.
15, 16
nQA, QA
Output
Differential output pair. LVPECL/ECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2
pF
RPULLDOWN
Input Pullup Resistor
37.5
k
RVCC/2
RPullup/Pulldown Resistor
37.5
k
Bank A
Control Input
Outputs
CLK_SELA
QA, nQA
0 (default)
Selects PCLKA0, nPCLKA0
1
Selects PCLKA1, nPCLKA1
Bank B
Control Input
Outputs
CLK_SELB
QB0, nQB0
QB1, nQB1
0 (default)
Follows PCLKB input
Logic Low
1
Logic Low
Follows PCLKB input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com