Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS932S825 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS932S825
Description  Low Power Clock Chip for Serverworks HT2400 Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S825 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS932S825 Datasheet HTML 10Page - Renesas Technology Corp ICS932S825 Datasheet HTML 11Page - Renesas Technology Corp ICS932S825 Datasheet HTML 12Page - Renesas Technology Corp ICS932S825 Datasheet HTML 13Page - Renesas Technology Corp ICS932S825 Datasheet HTML 14Page - Renesas Technology Corp ICS932S825 Datasheet HTML 15Page - Renesas Technology Corp ICS932S825 Datasheet HTML 16Page - Renesas Technology Corp ICS932S825 Datasheet HTML 17Page - Renesas Technology Corp ICS932S825 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
ICS932S825
1276F—12/02/08
SMBus Table: Drive Strength Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
REF2
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 6
REF1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 5
REF0_RUN
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 4
PCICLK1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 3
PCICLK0
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 2
48MHz_2
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 1
48MHz_1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 0
48MHz_0
Drive Strength Select
RW
1 Load
2 Loads
1
SMBus Table: Drive Strength Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
25MHz_1
Output Enable
RW
Low
Enable
1
Bit 6
25MHz_0
Output Enable
RW
Hi-Z
Enable
1
Bit 5
25MHz_1
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 4
25MHz_0
Drive Strength Select
RW
1 Load
2 Loads
1
Bit 3
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 2
VDIFF2
VDIFF MSB
RW
1
Bit 1
VDIFF1
VDIFF Select Bit 0
RW
0
Bit 0
VDIFF0
VDIFF LSB
RW
1
SMBus Table: Device ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
DevID 7
Device ID MSB
R
-
-
0
Bit 6
DevID 6
Device ID 6
R
-
-
0
Bit 5
DevID 5
Device ID 5
R
-
-
1
Bit 4
DevID 4
Device ID4
R
-
-
0
Bit 3
DevID 3
Device ID3
R
-
-
0
Bit 2
DevID 2
Device ID2
R
-
-
1
Bit 1
DevID 1
Device ID1
R
-
-
0
Bit 0
DevID 0
Device ID LSB
R
-
-
1
SMBus Table: Vendor ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
Revision ID
VENDOR ID
(0001 = ICS)
-
-
-
63
-
Byte 7
62
Byte 6
-
-
Byte 4
6
-
5
4
-
-
-
16
-
Byte 5
62
63
11
10
-
-
-
-
9
-
-
-
-
-
See VDIFF Select Table
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com