Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ARM-MBWHA621 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ARM-MBWHA621
Description  Innovative 11.6" Healthcare Information Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARM-MBWHA621 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ARM-MBWHA621 Datasheet HTML 1Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 2Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 3Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Healthcare Information Terminals
Ordering Information
Part Number
Description
HIT-512-11C20B-CM
11.6" Wide Screen, Intel Celeron J3455, PCAP Touch, 4G RAM, 64G SSD, WiFi/BT, Win10 IoT Embedded Medical Adapter
HIT-512-11C20D-CM
11.6" Wide Screen, Intel Celeron J3455, PCAP Touch, 4G RAM, 64G SSD, Web Camera, WiFi/BT, RFID, Medical Adapter, Win10 IoT Embedded
HIT-512-11C20B-CE
11.6" Wide Screen, Intel Celeron J3455, PCAP Touch, 4G RAM, 64G SSD, WiFi/BT, ITE Adaptor, Win10 IoT Embedded
HIT-512-11C20D-CE
11.6" Wide Screen, Intel Celeron J3455, PCAP Touch, 4G RAM, 64G SSD, Web Camera, WiFi/BT, RFID, ITE Adapter, Win10 IoT Embedded
Fully-Integrated I/O
Accessories
Part Number
Description
HIT-512-HSK0E
HIT-512 Handset Kit
1700001524
Power cord USA 1.83M
170203180A
Power cord UK 1.83M
170203183C
Power cord EU 1.83M
HIT-STD-W001-C
Table Stand
HIT-ARM-W010-C
Wall mount arm, Max. 5kg, w/ cable
Peripherals for HIT-512 Series
Part Number
Description
TBSD-WS1502
Table Stands
TBSD-WS1510
TBSD-WS1702
TBSD-WS2710
MNT-MMWB8615
ARMs & Mounting
MNT-MTWHM03
ARM-MBWHA306
ARM-MBWHA506
ARM-MBWHA621
KBD-MCWU1020
Keyboards/Mouses/Scanners
KBD-MCWU1010
MOU-MCWU1001
SCN-MCWIG829
A. RJ-12
B. Audio jack (TRRS)
C.Com-port
D.HDMI
E. RJ-45 LAN
F. USb 3.0
G.DC jack
H.Power button
I. Microphone
J. Speaker
A B C
D E F G H
I
J
J
HIT-512



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com