Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELUMEESAQC02 Datasheet(PDF) 1 Page - ITT Industries

Part # ELUMEESAQC02
Description  Right Angle Illuminated Latching Pushbutton
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ELUMEESAQC02 Datasheet(HTML) 1 Page - ITT Industries

  ELUMEESAQC02 Datasheet HTML 1Page - ITT Industries ELUMEESAQC02 Datasheet HTML 2Page - ITT Industries ELUMEESAQC02 Datasheet HTML 3Page - ITT Industries ELUMEESAQC02 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Features/Benefits
• SPDT (N.O. & N.C.)
• Low height above PCB
• Reliable self-cleaning contact
• Surface-mount or thru-hole PCB
• Standard or custom actuator
• Central LED illumination
• Latching or Momentary
• Long travel. Smooth feel
• RoHS compliant and compatible
Typical Applications
• Telecom network equipment
• Automotive electronics
• Consumer electronics
• Computer, server, modem,
data storage
• Professional instrumentation,
medical
Materials
FIXED CONTACTS AND TERMINALS: Stainless steel,
silver plated with gold flash (STD.)
MOVABLE CONTACTS: Copper alloy, silver plated with
gold flash (STD.)
BASE: Glass filled LCP (UL94V-0)
ACTUATOR: Glass filled nylon 4/6 (UL94V-0)
COVER: Stainless steel
Electrical
MAXIMUM POWER: 3.5 VA
MIN./MAX. VOLTAGE: 20 mV – 50 VDC
MIN./MAX. CURRENT: 0.01 mA – 250 mA
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 50 mΩ
INSULATION RESISTANCE:
≥ 109 Ω
BOUNCE TIME:
≤1 ms
LED SPECIFICATIONS: See page A-5
Mechanical
OPERATING FORCE: 2.5 N at Full Travel
SWITCHING TRAVEL: .067" (1.7 mm)
LATCH TRAVEL: .131" (3.6 mm)
FULL TRAVEL: .200" (5.1 mm)
Operating Environment
OPERATING TEMPERATURE: -40˚C TO 85˚C.
STORAGE TEMPERATURE: -40˚C TO 85˚C.
RELATIVE HUMIDITY: 90% R.H. @ 85˚C.
OPERATING LIFE: 30,000 Cycles.
VIBRATION: Per EIA 186-E Methods 7 & 8
MECHANICAL SHOCK: Per EIA 186-E Method 12.
OVERLOAD: Withstands 40 N for 1 minute without damage
Process Environment
SOLDERABILITY: According to Mil STD 202F Method 208D or EIA RS-
186E Method 9.
LEAD FREE PROCESS COMPATIBLE: 260˚C peak, 10 seconds Max.
above 250º C.
WASHING PROCESS: No clean process compatible (SMT)
Bottom wash compatible (Thru-hole)
SHEAR TEST (SWITCH/PCB): > 40 N
Packaging
“SA” Terminal Style SMT: Tape and reel per EIA 481-2 (450/reel)
“TH” Terminal Style PC: Tray (60/tray)
NOTE: Any models supplied with Q, contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
ELUM ELUM Series
Switch Function
OA Momentary
EE Latching (push-push)
Terminal Style
TH Right Angle, PC thru-hole
SA Right Angle, surface mount
Illumination
(NONE) Models without illumination
1
LED White
2
LED Bi-color – Red (Green)
3
LED Red
5
LED Amber
6
LED Green
7
LED Blue
8
LED Bi-Color – Amber (Green)
Actuator Style**
C02
Black without window
C12
Black with window
C22
Black with window and snap
feature for custom actuators
Contact Material*
Q
Silver with gold flash
M
U
Q
L
E
A–3
* Other plating options available, please contact Customer Service.
** Custom actuators available, please contact Customer Service.
Patent Number
6,974,924 B2
LEAD FREE
COMPATIBLE OPTION
A
C&K ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
NEW!


Similar Part No. - ELUMEESAQC02

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ELUMEESAQC02 ITT-ELUMEESAQC02 Datasheet
275Kb / 4P
Right Angle Illuminated Latching Pushbutton
More results

Similar Description - ELUMEESAQC02

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
Right Angle Illuminated Latching Pushbutton
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
Illuminated Latching Pushbutton Switches
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
Right Angle Illuminated Latching Pushbutton
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
logo
C&K Components
PS-12G CK-COMPONENTS-PS-12G Datasheet
559Kb / 16P
Latching pushbutton
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
Right Angle Illuminated Latching Pushbutton
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com