Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSM2180F3V Datasheet(PDF) 22 Page - STMicroelectronics

Part # DSM2180F3V
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V Datasheet(HTML) 22 Page - STMicroelectronics

Back Button DSM2180F3V Datasheet HTML 18Page - STMicroelectronics DSM2180F3V Datasheet HTML 19Page - STMicroelectronics DSM2180F3V Datasheet HTML 20Page - STMicroelectronics DSM2180F3V Datasheet HTML 21Page - STMicroelectronics DSM2180F3V Datasheet HTML 22Page - STMicroelectronics DSM2180F3V Datasheet HTML 23Page - STMicroelectronics DSM2180F3V Datasheet HTML 24Page - STMicroelectronics DSM2180F3V Datasheet HTML 25Page - STMicroelectronics DSM2180F3V Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
DSM2180F3V
22/63
gram or Erase cycle is in progress or has complet-
ed. Figure 10 shows the Data Polling algorithm.
When the DSP issues a Program instruction se-
quence, the embedded algorithm within the device
begins. The DSP then reads the location of the
byte to be programmed in Flash memory to check
status. The Data Polling Flag (DQ7) bit of this lo-
cation becomes the compliment of bit 7 of the orig-
inal data byte to be programmed. The DSP
continues to poll this location, comparing the Data
Polling Flag (DQ7) bit and monitoring the Error
Flag (DQ5) bit. When the Data Polling Flag (DQ7)
bit matches bit7 of the original data, and the Error
Flag (DQ5) bit remains 0, then the embedded al-
gorithm is complete. If the Error Flag (DQ5) bit is
1, the DSP should test the Data Polling Flag (DQ7)
bit again since the Data Polling Flag (DQ7) bit may
have changed simultaneously with the Error Flag
(DQ5) bit (see Figure 10).
The Error Flag (DQ5) bit is set if either an internal
time-out occurred while the embedded algorithm
attempted to program the byte or if the DSP at-
tempted to program a 1 to a bit that was not erased
(not erased is logic 0).
It is suggested (as with all Flash memories) to read
the location again after the embedded program-
ming algorithm has completed, to compare the
byte that was written to the Flash memory with the
byte that was intended to be written.
When using the Data Polling method during an
Erase cycle, Figure 10 still applies. However, the
Data Polling Flag (DQ7) bit is 0 until the Erase cy-
cle is complete. A 1 on the Error Flag (DQ5) bit in-
dicates a time-out condition on the Erase cycle, a
0 indicates no error. The DSP can read any loca-
tion within the sector being erased to get the Data
Polling Flag (DQ7) bit and the Error Flag (DQ5) bit.
PSDsoft Express generates ANSI C code func-
tions which implement these Data Polling algo-
rithms.
Figure 10. Data Polling Flowchart
Data Toggle. Checking the Toggle Flag (DQ6) bit
is a method of determining whether a Program or
Erase cycle is in progress or has completed. Fig-
ure 11 shows the Data Toggle algorithm.
When the DSP issues a Program instruction se-
quence, the embedded algorithm within the device
begins. The DSP then reads the location of the
byte to be programmed in Flash memory to check
status. The Toggle Flag (DQ6) bit of this location
toggles each time the DSP reads this location until
the embedded algorithm is complete. The DSP
continues to read this location, checking the Tog-
gle Flag (DQ6) bit and monitoring the Error Flag
(DQ5) bit. When the Toggle Flag (DQ6) bit stops
toggling (two consecutive reads yield the same
value), and the Error Flag (DQ5) bit remains 0,
then the embedded algorithm is complete. If the
Error Flag (DQ5) bit is 1, the DSP should test the
Toggle Flag (DQ6) bit again, since the Toggle Flag
(DQ6) bit may have changed simultaneously with
the Error Flag (DQ5) bit (see Figure 11).
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369B
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com