Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSM2180F390K6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # DSM2180F390K6
Description  DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F390K6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button DSM2180F390K6 Datasheet HTML 55Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 56Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 57Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 58Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 59Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 60Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 61Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 62Page - STMicroelectronics DSM2180F390K6 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
61/63
DSM2180F3V
PART NUMBERING
Table 38. Ordering Information Scheme
Note: 1. The 5V±10% devices are not covered by this data sheet, but by the DSM2180F3 data sheet.
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
DSM21
80 F3 V
- 15 T
6
Device Type
DSM21 = DSP System Memory for ADSP-21XX Family
DSP Applicability
80 = Analog Devices ADSP-218X family
Memory Density
F3 = 1 Mbit x 8 (128K Bytes)
Operating Voltage (Vcc)
blank1 = 5V ±10%
V = 3.3V ± 10%
Access Time
90 = 90 nsec
15 = 150 nsec
Package
K = 52-pin PLCC
T = 52-pin PQFP
Temperature Range
6 = –40 to 85oC (Industrial)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com