Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2104LU/7 Datasheet(PDF) 42 Page - Motorola, Inc

Part # PCF2104LU/7
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104LU/7 Datasheet(HTML) 42 Page - Motorola, Inc

Back Button PCF2104LU/7 Datasheet HTML 38Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 39Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 40Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 41Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 42Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 43Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 44Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 45Page - Motorola, Inc PCF2104LU/7 Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Table 9
Example of I2C-bus operation; 1-line display (using internal reset, assuming SA0 = VSS; note 1)
STEP
I2C-BUS BYTE
DISPLAY
OPERATION
1I2C-bus start
Initialized. No display appears.
2
Slave address for write:
SA6 = 0; SA5 = 1; SA4 = 1; SA3 = 1; SA2 = 0; SA1 = 1;
SA0 = 0; R/W = 0; Ack = 1
During the acknowledge cycle SDA will be pulled-down by
the PCF2104x.
3
Send a control byte for function set:
Co = 0; RS = 0; R/W = 0; Ack = 1
Control byte sets RS and R/W for following data bytes.
4
Function set:
DB7 = 0; DB6 = 0; DB5 = 1; DB4 = X; DB3 = 0; DB2 = 0;
DB1 = 0; DB0 = 0; Ack = 1
Selects 1-line display; SCL pulse during acknowledge
cycle starts execution of instruction.
5
Display on/off control:
DB7 = 0; DB6 = 0; DB5 = 0; DB4 = 0; DB3 = 1; DB2 = 1;
DB1 = 1; DB0 = 0; Ack = 1
_
Turns on display and cursor. Entire display shows
character Hex 20 (blank in ASCII-like character sets).
6
Entry mode set:
DB7 = 0; DB6 = 0; DB5 = 0; DB4 = 0; DB3 = 0; DB2 = 1;
DB1 = 1; DB0 = 0; Ack = 1
_
Sets mode to increment the address by 1 and to shift the
cursor to the right at the time of write to the DDRAM or
CGRAM. Display is not shifted.
7I2C-bus start
_
For writing data to DDRAM, RS must be set to 1.
Therefore a control byte is needed.
8
Slave address for write:
SA6 = 0; SA5 = 1; SA4 = 1; SA3 = 1; SA2 = 0; SA1 = 1;
SA0 = 0; R/W = 0; Ack = 1
_
9
Send a control byte for write data:
Co = 0; RS = 1; R/W = 0; Ack = 1
_
10
Write data to DDRAM:
DB7 = 0; DB6 = 1; DB5 = 0; DB4 = 1; DB3 = 0; DB2 = 0;
DB1 = 0; DB0 = 0; Ack = 1
P_
Writes ‘P’. The DDRAM has been selected at power-up.
The cursor is incremented by 1 and shifted to the right.
11
Write data to DDRAM:
DB7 = 0; DB6 = 1; DB5 = 0; DB4 = 0; DB3 = 1; DB2 = 0;
DB1 = 0; DB0 = 0; Ack = 1
PH_
Writes ‘H’.
12 to 15
|
|
|
|
16
Write data to DDRAM:
DB7 = 0; DB6 = 1; DB5 = 0; DB4 = 1; DB3 = 0; DB2 = 0;
DB1 = 1; DB0 = 1; Ack = 1
PHILIPS_
Writes ‘S’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com