Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2104NU/2 Datasheet(PDF) 43 Page - Motorola, Inc

Part # PCF2104NU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104NU/2 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button PCF2104NU/2 Datasheet HTML 39Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 40Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 41Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 42Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 43Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 44Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 45Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 46Page - Motorola, Inc PCF2104NU/2 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Notes
1. X = don’t care.
2. SDA is left at high-impedance by the microcontroller during the READ acknowledge.
17
(optional I2C-bus stop) I2C-bus start + slave address for write
(as step 8)
PHILIPS_
18
Control byte:
Co = 1; RS = 0; R/W = 0; Ack = 1
PHILIPS_
19
Return home:
DB7 = 0; DB6 = 0; DB5 = 0; DB4 = 0; DB3 = 0; DB2 = 0;
DB1 = 1; DB0 = 0; Ack = 1
PHILIPS
Sets DDRAM address 0 in Address Counter. (Also returns
shifted display to original position. DDRAM contents
unchanged). This instruction does not update the Data
Register (DR).
20
Control byte for read:
Co = 0; RS = 1; R/W = 1; Ack = 1
PHILIPS
DDRAM content will be read from following instructions.
The R/W has to be set to 1 while still in I2C-bus write
mode.
21
I2C-bus start
PHILIPS
22
Slave address for read:
SA6 = 0; SA5 = 1; SA4 = 1; SA3 = 1; SA2 = 0; SA1 = 1;
SA0 = 0; R/W = 1; Ack = 1
PHILIPS
During the acknowledge cycle the content of the DR is
loaded into the internal I2C-bus interface to be shifted out.
In the previous instruction neither a ‘Set address’ nor a
‘Read data’ has been performed. Therefore the content of
the DR was unknown.
23
Read data: 8
× SCL + master acknowledge; note 2:
DB7 = X; DB6 = X; DB5 = X; DB4 = X; DB3 = X; DB2 = X;
DB1 = X; DB0 = X; Ack = 1
PHILIPS
8
× SCL; content loaded into interface during previous
acknowledge cycle is shifted out over SDA. MSB is DB7.
During master acknowledge content of DDRAM
address 01 is loaded into the I2C-bus interface.
24
Read data: 8
× SCL + master acknowledge; note 2:
DB7 = 0; DB6 = 1; DB5 = 0; DB4 = 0; DB3 = 1; DB2 = 0;
DB1 = 0; DB0 = 0; Ack = 0
PHILIPS
8
× SCL; code of letter ‘H’ is read first. During master
acknowledge code of ‘I’ is loaded into the I2C-bus
interface.
25
Read data: 8
× SCL + no master acknowledge; note 2:
DB7 = 0; DB6 = 1; DB5 = 0; DB4 = 0; DB3 = 1; DB2 = 0;
DB1 = 0; DB0 = 1; Ack = 1
PHILIPS
No master acknowledge; After the content of the I2C-bus
interface register is shifted out no internal action is
performed. No new data is loaded to the interface register,
Data Register (DR) is not updated, Address Counter (AC)
is not incremented and cursor is not shifted.
26
I2C stop
PHILIPS
STEP
I2C-BUS BYTE
DISPLAY
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com