Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC2119VU/2 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PC2119VU/2
Description  LCD controllers/drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PC2119VU/2 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PC2119VU/2 Datasheet HTML 34Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 35Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 36Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 37Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 38Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 39Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 40Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 41Page - NXP Semiconductors PC2119VU/2 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
28. August 2000
38
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119x-2
14 AC CHARACTERISTICS
VDD1 = 1.5 to 5.5 V; VDD2,3 = 2.2 to 4.0 V; VSS =0V; VLCD = 2.2 to 6.5 V; Tamb = −40 to +85 °C; unless otherwise specified.
Note
1.
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with
an input voltage swing of VSS to VDD.
2.
CB = total capacitance of one bus line in pF.
3. Tested on a sample basis.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fFR
LCD frame frequency (internal clock)
VDD = 5.0 V
45
95
147
Hz
fOSC
oscillator frequency (not available at any pad)
140
250
450
kHz
fOSC(ext)
external clock frequency
140
−
450
kHz
tOSCST
oscillator start-up time after power-down
note 3
−
200
300
µs
tW(R,PD)
reset and power down high level pulse width
1
us
tSW(R,PD)
tolerable spike width on PD and Reset pads
90
ns
Bus timing characteristics: parallel interface; note 1
WRITE OPERATION (WRITING DATA FROM MPU TO PCF2119X)
Tcy(en)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
tsu(D)
data set-up time
60
−−
ns
th(D)
data hold time
25
−−
ns
READ OPERATION (READING DATA FROM PCF2119XTO MPU)
Tcy(en)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
td(D)
data delay time
VDD1 > 2.2 V
−−
150
ns
VDD1 > 1.5 V
−−
250
ns
th(D)
data hold time
5
−
100
ns
Timing characteristics: I2C-bus interface; note 1
fSCL
SCL clock frequency
−−
400
kHz
tLOW
SCL clock low period
1.3
−−µs
tHIGH
SCL clock high period
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−−
ns
tr
SCL, SDA rise time
note 2, 3
15 + 0.1 CB
−
300
ns
tf
SCL, SDA fall time
note 2, 3
15 + 0.1 CB
−
300
ns
CB
capacitive bus line load
−−
400
pF
tSU;STA
set-up time for a repeated START condition
0.6
−−µs
tHD;STA
START condition hold time
0.6
−−µs
tSU;STO
set-up time for STOP condition
0.6
−−µs
tSW
tolerable spike width on bus
−−
50
ns
tBUF
Bus free time between STOP and START condition
1.3
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com