Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

83918AYILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 83918AYILF
Description  Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83918AYILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 83918AYILF Datasheet HTML 10Page - Renesas Technology Corp 83918AYILF Datasheet HTML 11Page - Renesas Technology Corp 83918AYILF Datasheet HTML 12Page - Renesas Technology Corp 83918AYILF Datasheet HTML 13Page - Renesas Technology Corp 83918AYILF Datasheet HTML 14Page - Renesas Technology Corp 83918AYILF Datasheet HTML 15Page - Renesas Technology Corp 83918AYILF Datasheet HTML 16Page - Renesas Technology Corp 83918AYILF Datasheet HTML 17Page - Renesas Technology Corp 83918AYILF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
©2016 Integrated Device Technology, Inc
Revision B March 17, 2016
83918 Data Sheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 83918.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 83918 is the sum of the core power plus the power dissipated in the load(s). The following is the power
dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * (IDD + IDDO) = 3.465V *(24mA + 27mA) = 176.7mW
Dynamic Power Dissipation at 200MHz
Power (200MHz) = CPD * Frequency * (VDD)
2 * number of outputs = 9pF * 200MHz * (3.465V)2 * 18 = 389mW
Total Power Dissipation
•
Total Power
= Power (core)MAX + Power (200MHz)
= 176.7mW + 389mW
= 565.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 53.5°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.566W * 53.5°C/W = 115.3°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will vary depending on the number of loaded outputs, supply voltage, air flow and the type of board
(multi-layer).
Table 6. Thermal Resistance JA for 32 Lead LQFP, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
53.5°C/W
48.0°C/W
44.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com