Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS841654AGILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS841654AGILF
Description  FemtoClock® NG Crystal-to-HCSL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841654AGILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS841654AGILF Datasheet HTML 1Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 2Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 3Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 4Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 5Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 6Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 7Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 8Page - Renesas Technology Corp ICS841654AGILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-HCSL
CLOCK GENERATOR
841654 DATA SHEET
2
REVISION A 4/20/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Number
Name
Type
Description
1, 18
V
DD
Power
Core supply pins.
2
REF_OUT
Output
Single-ended reference frequency clock output.
LVCMOS/LVTTL interface levels.
3, 7, 15, 22
GND
Power
Power supply ground.
4, 5,
8, 9
QA0, nQA0,
QA1, nQA1
Ouput
Differential Bank A output pairs. HCSL interface levels.
6V
DDOA
Power
Output supply pin for Bank A outputs.
10
nREF_OE
Input
Pullup
Active low REF_OUT enable/disable. See Table 3E.
LVCMOS/LVTTL interface levels.
11
BYPASS
Input
Pulldown
Selects PLL operation/PLL bypass operation.
See Table 3C. LVCMOS/LVTTL interface levels.
12
REF_IN
Input
Pulldown
Single-ended PLL reference clock input.
LVCMOS/LVTTL interface levels.
13
REF_SEL
Input
Pulldown
Reference select. Selects the input reference source.
See Table 3B. LVCMOS/LVTTL interface levels.
14
V
DDA
Power
Analog supply pin.
16, 17
XTAL_OUT,
XTAL_IN
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input. (PLL reference.)
19
MR/nOE
Input
Pulldown
Active HIGH master reset. Active LOW output enable. When logic HIGH, the
internal dividers are reset and the differential outputs are in high impedance
(HiZ). When logic LOW, the internal dividers and the differential outputs are
enabled. See Table 3D. LVCMOS/LVTTL interface levels.
20, 21
24, 25
nQB1, QB1
nQB0, QB0
Output
Differential Bank B output pairs. HCSL interface levels.
23
V
DDOB
Power
Output supply pin for Bank B outputs.
26, 27
FSEL1,
FSEL0
Input
Pulldown Output frequency select pins. LVCMOS/LVTTL interface levels.
28
IREF
Output
HCSL current reference external resistor output. A fixed precision resistor
(RREF = 475
Ω) from this pin to ground provides a reference current used
for differential current-mode QA[0:1]/nQA[0:1] and QB[0:1]/nQB[0:1] clock
outputs.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input PullupResistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com