Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9250-12 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9250-12
Description  Frequency Timing Generator for PENTIUM II/III Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-12 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9250-12 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-12 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
ICS9250-12
Electrical Characteristics - 48M Hz, REF
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.6
2.9
V
Output Low Voltag e
VOL5
IOL = 9 mA
0.3
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-35
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
17
23
mA
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V, 48M Hz
2
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V, 48M Hz
2
4
ns
Duty Cycle
1
dt5
VT = 1.5 V, 48M Hz
45
50
55
%
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V, REF
1.5
2.2
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V, REF
1.5
1.9
4
ns
Duty Cycle
1
dt5
VT = 1.5 V, REF
45
52
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, 48M Hz
200
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, REF
800
1000
ps
1
Guaranteed by des ign, n ot 100% tes ted in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH4B
IOH = -12 mA
2
2.23
V
Output Low Voltage
VOL4B
IOL = 12 mA
0.3
0.4
V
Output High Current
IOH4B
VOH = 1.7 V
-36
-16
mA
Output Low Current
IOL4B
VOL = 0.7 V
19
22
mA
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.3
1.6
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.25
1.6
ns
Duty Cycle
1
Dt4B
VT = 1.25 V
45
49
55
%
Skew
1
tsk1B
VT = 1.25 V
120
250
ps
Jitter, Absolute
1
Tjabs4B
VT = 1.25 V
-250
130
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
87
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com