Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ0692C Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0692C
Description  Crystal Unit SMD 3.2x2.5 24.0MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0692C Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0692C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0692C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0692C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0692C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0692C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0692C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0692C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
Mechanical Dimensions (mm):
Recommended Land Pattern: (unit: mm)
Marking:
Line 1: Frequency (24.00)
Line 2: TST Logo + Crystal Product Code + Date Code
Product Code Table
Date Code Table
Pin Connection
#1 pin
IN/OUT
#2 pin
GND
#3 pin
IN/OUT
#4 pin
GND
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
no
pq
r
s
t
u
v
w
x
y
z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com