Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G14DBVR Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G14DBVR
Description  SN74LVC2G14
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G14DBVR Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G14DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G14DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC(V)
TA = 25 ℃
−55℃ ≤TA≤125℃
Unit
Min
Typ
Max
Min
Max
VIH
High−Level
Input Voltage
1.65to1.95
2.3 to 5.5
0.75Vcc
0.7Vcc
0.75Vcc
0.7Vcc
V
VIL
Low−Level
Input Voltage
1.65to1.95
2.3 to 5.5
0.25Vcc
0.3Vcc
0.25Vcc
0.3Vcc
V
VOH
High−Level
Output
Voltage VIN =
VIL
IOH =−100uA
1.65to5.5
Vcc−0.1
Vcc
Vcc−0.1
V
IOH =−3mA
1.65
1.29
1.52
1.29
IOH =−8mA
2.3
1.9
2.1
1.9
IOH =−12mA
2.7
2.2
2.4
2.2
IOH =−16mA
3.0
2.4
2.7
2.4
IOH =−24mA
3.0
2.3
2..5
2.3
IOH =-32mA
4.5
3.8
4.0
3.8
VOL
Low−Level
Output
Voltage VIN =
VIH
IOH =100uA
1.65to5.5
0.0
0.1
0.1
V
IOL =3mA
1.65
0.08
0.24
0.24
IOL =8mA
2.3
0.20
0.3
0.3
IOL =12mA
2.7
0.22
0.4
0.4
IOL =16mA
3.0
0.28
0.4
0.4
IOL =24mA
3.0
0.38
0.55
0.55
IOL =32mA
4.5
0.42
0.55
0.55
IIN
Input
Leakage
Current
VIN = 5.5V or
GND
0 to 5.5
±0.1
±1.0
uA
IOFF
Power
Off
Leakage
Current
VIN = 5.5V or
VOUT = 5.5V
0
1
10
uA
ICC
Quiescent
Supply
Current
VIN = 5.5V or
GND
5.5
10
uA
Product parametric performance is indicated in the Electrical Characteristics for the listed test
conditions, unless otherwise noted. Product performance may not be indicated by the Electrical
Characteristics if operated under different conditions.
UMW R
SN74LVC2G14
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com