Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G34DBVR Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G34DBVR
Description  SN74LVC2G34
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G34DBVR Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SN74LVC2G34DBVR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. SN74LVC2G34DBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The SN74LVC2G34 is a high performance
dual buffer operating from a 1.65 to 5.5 V supply.
This device is fabricated with advanced CMOS
technology to achieve ultra-high speed with high
output drive.
Features
● Designed for 1.65V to 5.5V VCC Operation
● Overvoltage Tolerant Inputs
● 24 mA Balanced Output Sink and Source Capability
● Near Zero Static Supply Current Substantially Reduces
System Power Requirements
●
These Devices are Pb−Free and are RoHS Compliant
Pin Configuration
UMW R
SN74LVC2G34
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - SN74LVC2G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G34DBVR TI-SN74LVC2G34DBVR Datasheet
529Kb / 13P
DUAL BUFFER GATE
SN74LVC2G34DBVR TI-SN74LVC2G34DBVR Datasheet
748Kb / 16P
DUAL BUFFER GATE
SN74LVC2G34DBVR TI1-SN74LVC2G34DBVR Datasheet
1Mb / 25P
Dual Buffer Gate
SN74LVC2G34DBVR TI2-SN74LVC2G34DBVR Datasheet
939Kb / 28P
SN74LVC2G34 Dual Buffer Gate
REVISED OCTOBER 2015
logo
TECH PUBLIC Electronics...
SN74LVC2G34DBVR-TP TECHPUBLIC-SN74LVC2G34DBVR-TP Datasheet
2Mb / 5P
DUAL BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com