Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC2655M Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC2655M
Description  TO-92MOD Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2655M Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC2655M Datasheet HTML 1Page - Nanjing International Group Co 2SC2655M Datasheet HTML 2Page - Nanjing International Group Co 2SC2655M Datasheet HTML 3Page - Nanjing International Group Co 2SC2655M Datasheet HTML 4Page - Nanjing International Group Co 2SC2655M Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC2655
TRANSISTOR (NPN)
FEATURES
Low
Saturation Voltage: V
CE(sat)=0.5V(Max)(IC=1A)
High
Speed Switching Time: t
stg=1μs(Typ.)
Complementary to 2SA1020
TO-92MOD
1.EMITTER
2.COLLECTOR
3.BASE
0$5.,1*
Equivalent Circuit
C2655 'HYLFHFRGH
;;; &RGH
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92MOD
Bulk
TO-92MOD
Tape
2SC2655
2SC2655-TA
;;;
MAXIMUM RATINGS (
Ta=25
unless otherwise noted
℃
)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
0.9
W
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55 to +150
C2655
500pcs/Bag
2000pcs/Box
TO-92MOD Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/5
www.dgnjdz.com


Similar Part No. - 2SC2655M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2655 TOSHIBA-2SC2655 Datasheet
179Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
08-Sep-1998
logo
Unisonic Technologies
2SC2655 UTC-2SC2655 Datasheet
61Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SC2655 TOSHIBA-2SC2655 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
Weitron Technology
2SC2655 WEITRON-2SC2655 Datasheet
282Kb / 2P
NPN General Purpose Transistors
logo
Unisonic Technologies
2SC2655 UTC-2SC2655 Datasheet
210Kb / 4P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

Similar Description - 2SC2655M

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV966 AVICTEK-AV966 Datasheet
424Kb / 3P
TO-92MOD Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SB740 JIANGSU-2SB740 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB927 JIANGSU-2SB927 Datasheet
2Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
3CG751 JIANGSU-3CG751 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSC2316 JIANGSU-KSC2316 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com