Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3357 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC3357
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC3357 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC3357 Datasheet HTML 1Page - Nanjing International Group Co 2SC3357 Datasheet HTML 2Page - Nanjing International Group Co 2SC3357 Datasheet HTML 3Page - Nanjing International Group Co 2SC3357 Datasheet HTML 4Page - Nanjing International Group Co 2SC3357 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■
Features
●
Low noise and high gain
●
High power gain
●
Large Ptot
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
12
Emitter - Base Voltage
VEBO
3
Collector Current - Continuous
IC
100
mA
Collector Power Dissipation
PC
1.2
W
Junction to Ambient Resistance
Rth (j-a)
62.5
℃
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Note.1: Pulse measurement: PW ≤ 350 us, Duty Cycle ≤ 2%
■
Classification of hfe
Type
2SC3357-H
2SC3357-F
2SC3357-E
Range
50-100
80-160
125-250
Marking
RH
RF
RE
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
12
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
3
Collector-base cut-off current
ICBO
VCB= 20V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 3V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=50 mA, IB=5mA
0.4
Base - emitter saturation voltage
VBE(sat) IC=50 mA, IB=5mA
1.2
DC current gain
(Note.1)
hFE
VCE= 10V, IC= 20mA
50
250
Insertion Power Gain
|S21e|
VCE = 10V, IC = 20mA, f= 1GHz
9
VCE = 10V, IC = 7mA, f= 1GHz
1.1
VCE = 10V, IC = 40mA, f= 1GHz
1.8
3
Reverse Transfer Capacitance
Cre
VCB= 10V, IE= 0,f=1MHz
1
pF
Transition frequency
fT
VCE= 10V, IC= 20mA
6.5
GHz
V
uA
Noise Figure
NF
dB
V
2
●
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
2SC3357
SOT-89-3L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
NPN Transistors
Dongguan Nanjing Electronics Ltd.
1/5
www.dgnjdz.com


Similar Part No. - 2SC3357

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3357 NEC-2SC3357 Datasheet
77Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SC3357 KEXIN-2SC3357 Datasheet
54Kb / 1P
NPN Silicon RF Transistor
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
logo
Foshan Blue Rocket Elec...
2SC3357 FOSHAN-2SC3357 Datasheet
748Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
2SC3357 YFWDIODE-2SC3357 Datasheet
665Kb / 4P
NPN Transistors
More results

Similar Description - 2SC3357

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com