Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SCR586D3 Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # 2SCR586D3
Description  TO-252-2L Plastic-Encapsulate Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SCR586D3 Datasheet(HTML) 4 Page - Nanjing International Group Co

  2SCR586D3 Datasheet HTML 1Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 2Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 3Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 4Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 5Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 6Page - Nanjing International Group Co 2SCR586D3 Datasheet HTML 7Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
l
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Collector-Emitter Saturation Voltage vs.
Collector Current(I)
Fig.6 Collector-Emitter Saturation Voltage vs.
Collector Current(II)
Fig.7 Base-Emitter Saturation Voltage vs.
Collector Current
Fig.8 Gain Bandwidth Product vs. Emitter
Current
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
4/7
Typical Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com