Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR533L-AD-TA5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR533L-AD-TA5-R
Description  5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR533L-AD-TA5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR533L-AD-TA5-R Datasheet HTML 1Page - Unisonic Technologies UR533L-AD-TA5-R Datasheet HTML 2Page - Unisonic Technologies UR533L-AD-TA5-R Datasheet HTML 3Page - Unisonic Technologies UR533L-AD-TA5-R Datasheet HTML 4Page - Unisonic Technologies UR533L-AD-TA5-R Datasheet HTML 5Page - Unisonic Technologies UR533L-AD-TA5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR533
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-026,B
5A ADJUSTABLE/FIXED ULTRA
LOW DROP-OUT LINEAR
REGULATOR
DESCRIPTION
The UTC UR533 is ultra-low dropout regulators with 5A output
current capability. This device has been optimized for low voltage
applications including VTT bus termination, where transient response
and minimum input voltage is critical. The UTC UR533 is ideal for
low voltage microprocessor applications requiring a regulated output
from 1.3V ~ 5.7V with a power input supply of 1.75V ~ 6.5V.
Current limit ensures controlled short-circuit current. On-chip
thermal limiting provides protection against any combination of
overload and ambient temperature that would create excessive
junction temperatures.
FEATURES
* Ultra Low dropout voltage
* Remote sense operation
* Fast transient response
* Load regulation: 0.05% typical
* 0.5% initial accuracy
* On-chip thermal limiting
1
TO-220-5
TO-252-5
1
TO-263-5
1
*Pb-free plating product number: UR533L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UR533-xx-TQ5-R
UR533L-xx-TQ5-R
TO-263-5
Tape Reel
UR533-xx-TQ5-T
UR533L-xx-TQ5-T
TO-263-5
Tube
UR533-xx-TN5-R
UR533L-xx-TN5-R
TO-252-5
Tape Reel
UR533-xx-TN5-T
UR533L-xx-TN5-T
TO-252-5
Tube
UR533-xx-TA5-T
UR533L-xx-TA5-T
TO-220-5
Tube
Note: xx: Output Voltage, refer to Marking Information.
UR533L-xx-TQ5-R
(1)Packing Type
(3)Output Voltage Code
(4)Lead Plating
(2)Package Type
(1) R: Tape Reel, T:Tube
(2) TQ5: TO-263-5, TN5: TO-252-5, TA5: TO-220-5
(3) xx: refer to Marking Information
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UR533L-AD-TA5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR533L-XX-TA5-T UTC-UR533L-XX-TA5-T Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UR533L-XX-TA5-T UTC-UR533L-XX-TA5-T Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UR533L-XX-TN5-R UTC-UR533L-XX-TN5-R Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UR533L-XX-TN5-R UTC-UR533L-XX-TN5-R Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UR533L-XX-TQ5-R UTC-UR533L-XX-TQ5-R Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
More results

Similar Description - UR533L-AD-TA5-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UR533 UTC-UR533_09 Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UR533 UTC-UR533_11 Datasheet
232Kb / 7P
5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com