Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTS125SJM43LFS Datasheet(PDF) 1 Page - ITT Industries

Part # PTS125SJM43LFS
Description  12 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS125SJM43LFS Datasheet(HTML) 1 Page - ITT Industries

  PTS125SJM43LFS Datasheet HTML 1Page - ITT Industries PTS125SJM43LFS Datasheet HTML 2Page - ITT Industries PTS125SJM43LFS Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ittcannon.com
B–59
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
* V option available with J73 actuator only.
PTS125 Series
12 mm Tact Switches
Termination
S Thru-hole
V* Vertical
Actuator Shape
NONE Round
J Snap fit cap
1
2
5
P
T
S
Actuator Force
M 160 grams
K 260 grams
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
Mechanical
ACTUATION FORCE: PTS125M models: 160 grams.
PTS125 K models: 260 grams.
LIFE EXPECTANCY: 200,000 operations, M option;
100,500 operations, K option.
Electrical
CONTACT RATING: 50 mA @ 12 V DC.0
DIELECTRIC STRENGTH: 250 V AC min.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 1011
Ω min.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Environmental
OPERATING TEMPERATURE: -40˚C to 60˚C
Process
SOLDERING: Preheating to 100˚C for 45 sec. max. Keep flux
flush with top surface of PCB; do not apply to component side of
PCB and area where terminals are located. Soldering to 255˚C for
5 sec. max. Clean by brushing on solder surface. Do not clean
switch with solvents.
Materials
BASE: 6/6 nylon or glass filled polyester (PBT) (UL 94V-0).
ACTUATOR: PBT (UL94V0) or polyacetal (UL 94HB).
COVER PLATE: Tin alloy.
DOME CONTACTS: Phosphor bronze, silver clad.
STATIONARY CONTACTS: Brass, silver plated.
TERMINALS: Brass, silver plated. Insert molded.
Packaging
Tube packaging.
Features/Benefits
• Stable control feeling
• Thru-hole or vertical actuation
• 160 or 260 grams actuation force
• RoHS compliant and compatible
Typical Applications
• Consumer products
• Instrumentation
• Computer products
• Industrial
Actuator Height
Thru Hole
V Vertical
43
4,3 (.169)
3,2 (.125)
73
7,3 (.287)
6,2 (.244)
85
8,5 (.335)
6,2 (.244)
12
12 (.472)
N/A N/A
B
L
F
S
RoHS compliant and
compatible.
Silver plated.


Similar Part No. - PTS125SJM43LFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS125SJM43LFS CK-COMPONENTS-PTS125SJM43LFS Datasheet
193Kb / 3P
12 mm Tact Switches
More results

Similar Description - PTS125SJM43LFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
6 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
12 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
6 mm Tact Switches
PTS645VH15LFS CK-COMPONENTS-PTS645VH15LFS Datasheet
492Kb / 4P
6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
4,5 mm Tact Switches
logo
ITT Industries
PTS125SM43 ITT-PTS125SM43 Datasheet
86Kb / 3P
PTS125 Series 12 mm Tact Switches
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
12 mm Tact Switches
2022
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
6 mm Tact Switches
14 Nov 22
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
12 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com