Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG542AP/883 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG542AP/883
Description  Wideband/Video T Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG542AP/883 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG542AP/883 Datasheet HTML 3Page - Vishay Siliconix DG542AP/883 Datasheet HTML 4Page - Vishay Siliconix DG542AP/883 Datasheet HTML 5Page - Vishay Siliconix DG542AP/883 Datasheet HTML 6Page - Vishay Siliconix DG542AP/883 Datasheet HTML 7Page - Vishay Siliconix DG542AP/883 Datasheet HTML 8Page - Vishay Siliconix DG542AP/883 Datasheet HTML 9Page - Vishay Siliconix DG542AP/883 Datasheet HTML 10Page - Vishay Siliconix DG542AP/883 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DG540/541/542
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-10
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
APPLICATIONS
Figure 8 shows a 4-channel video multiplexer using a DG540.
+
–
TTL Channel Select
A = 2
75
W
75
W
75
W
75
W
75
W
250
W
250
W
Si582
CH1
CH2
CH3
CH4
DG540
DIS
FIGURE 8. 4 by 1 Video Multiplexing Using the DG540
V+
V–
–3 V
+15 V
Figure 9 shows an RGB selector switch using two DG542s.
Red Out
Green Out
DG542
Blue Out
Sync Out
DG542
V+
V–
Sync 1
Sync 2
–3 V
+15 V
Si584
75
W
R2
75
W
R1
75
W
G1
75
W
B1
75
W
75
W
G2
75
W
B2
75
W
RGB Source Select
FIGURE 9. RGB Selector Using Two DG542s
V+
V–
–3 V
+15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com