Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16CPS05XTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP16CPS05XTR
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05XTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP16CPS05XTR Datasheet HTML 3Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 4Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 5Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 6Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 7Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 8Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 9Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 10Page - STMicroelectronics STP16CPS05XTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
STP16CPS05
Electrical characteristics
7/26
Table 7.
Switching characteristics (VDD = 5V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH1
Propagation Delay Time,
CLK-OUTn, LE = H, /OE = L
VDD = 3.3 V
VIH = VDD
VIL = GND
CL = 10pF
IO = 20mA
VL = 3.0 V
REXT = 1KΩ
RL = 60 Ω
VDD = 3.3V
50
70
ns
VDD = 5V
28
40
tPLH2
Propagation Delay Time,
LE-OUTn, /OE = L
VDD = 3.3V
48
70
ns
VDD = 5V
25
40
tPLH3
Propagation Delay Time,
/OE-OUTn, LE = H
VDD = 3.3V
55
75
ns
VDD = 5V
35
45
tPLH
Propagation Delay Time,
CLK-SDO
VDD = 3.3V
11
16
ns
VDD = 5V
8
12
tPHL1
Propagation Delay Time,
CLK-OUTn, LE = H,
/OE = L
VDD = 3.3V
22
30
ns
VDD = 5V
17
25
tPHL2
Propagation Delay Time,
LE-OUTn, /OE = L
VDD = 3.3V
7
10
ns
VDD = 5V
4
6
tPHL3
Propagation Delay Time,
/OE-OUTn, LE = H
VDD = 3.3V
18
30
ns
VDD = 5V
15
25
tPHL
Propagation Delay Time,
CLK-SDO
VDD = 3.3V
12
18
ns
VDD = 5V
8
12
tON
Output Rise Time
10~90% of voltage
waveform
VDD = 3.3V
40
80
ns
VDD = 5V
22
35
tOFF
Output Fall Time
90~10% of voltage
waveform
VDD = 3.3V
11
15
ns
VDD = 5V
18
25
tr
CLK Rise Time (1)
5000
ns
tf
CLK Fall Time (1)
5000
ns
1.
In order to achieve high cascade data transfer,please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com