Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4108BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4108BCPZ
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4108BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4108BCPZ Datasheet HTML 3Page - Analog Devices ADF4108BCPZ Datasheet HTML 4Page - Analog Devices ADF4108BCPZ Datasheet HTML 5Page - Analog Devices ADF4108BCPZ Datasheet HTML 6Page - Analog Devices ADF4108BCPZ Datasheet HTML 7Page - Analog Devices ADF4108BCPZ Datasheet HTML 8Page - Analog Devices ADF4108BCPZ Datasheet HTML 9Page - Analog Devices ADF4108BCPZ Datasheet HTML 10Page - Analog Devices ADF4108BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADF4108
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RSET
CP
CPGND
AGND
1
2
3
4
5
6
7
8
RFINB
RFINA
AVDD
REFIN
MUXOUT
LE
DATA
CLK
CE
DGND
16
15
14
13
12
11
10
9
VP
DVDD
TOP VIEW
(Not to Scale)
ADF4108
NOTE: TRANSISTOR COUNT 6425 (CMOS),
303 (BIPOLAR).
15 MUXOUT
14 LE
13 DATA
12 CLK
CPGND 1
AGND 2
AGND 3
11 CE
RFINB 4
RFINA 5
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
ADF4108
Figure 3. TSSOP Pin Configuration for TSSOP
Figure 4. LFCSP_VQ Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
TSSOP
LFCSP_VQ
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
5
.
25
=
with RSET = 5.1 kΩ, ICP MAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this pin provides ±ICP to the external loop filter, which in turn
drives the external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. This point must be decoupled to the ground plane with a
small bypass capacitor, typically 100 pF. See Figure 12.
6
5
RFINA
Input to the RF Prescaler. This small signal input is ac-coupled to the external VCO.
7
6, 7
AVDD
Analog Power Supply. This voltage may range from 3.2 V to 3.6 V. Decoupling capacitors to the
analog ground plane should be placed as close as possible to this pin. AVDD must be the same value
as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 11. This input can be driven from a TTL or CMOS crystal oscillator or
it can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into
three-state mode. Taking the pin high will power up the device, depending on the status of the
power-down bit, F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS
input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the 2 LSBs being the control bits. This input
is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into
one of the four latches, the latch being selected using the control bits.
14
15
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference
frequency to be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This may range from 3.2 V to 3.6 V. Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
18
VP
Charge Pump Power Supply. This voltage should be greater than or equal to VDD. In systems where
VDD is 3.3 V, it can be set to 5 V and used to drive a VCO with a tuning range of up to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com