Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS03WSE Datasheet(PDF) 1 Page - ITT Industries

Part # TS03WSE
Description  Tiny Slide Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TS03WSE Datasheet(HTML) 1 Page - ITT Industries

  TS03WSE Datasheet HTML 1Page - ITT Industries TS03WSE Datasheet HTML 2Page - ITT Industries TS03WSE Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
J–7
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K TS Series
Tiny Slide Switches
Features/Benefits
• Reliable contact design ensures
long electrical life
• Ratings up to 3 AMPS
• Epoxy terminal-seal compatible
with bottom wash cleaning
• RoHS compliant
Typical Applications
• Test & measurement equipment
• Computers & peripherals
• Telecommunications &
networking equipment
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or
DC max. Q contact material (TS01 Model): 3 AMPS @ 120 V AC
or 28 V DC; (TS02, TS03 Models): 1 AMP @ 120 V AC or 28 V
DC. See page I-10 for additional ratings.
ELECTRICAL LIFE:
TS01 MODELS: 60,000 make-and-break cycles at full load.
TS02, TS03 MODELS: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized,
or diallyl phthalate (DAP) (UL 94V-0).
ACTUATOR: Nylon, black standard.
HOUSING: Stainless steel or stainless steel, nickel plated.
END CONTACTS: B contact material: Copper alloy, with gold plate over
nickel plate. Q contact material: Coin silver, silver plated. See
page I-10 for additional contact materials.
CENTER CONTACT & ALL TERMINALS: B contact material: Copper
alloy, with gold plate over nickel plate. Q contact material: Copper
alloy, silver plated. See page J-9 for additional contact materials.
TERMINAL SEAL: Epoxy. Refer to Soldering and Cleaning in
Technical Data chapter.
NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant. For
the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J–8 and J–9. For additional options not shown in catalog, consult Customer Service Center. All models
have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
TS01 SPDT On-None-On
TS02 SPST Off-None-On
TS03 SPDT On-Off-On
Contact Material
B Gold
Q Silver
K Gold, tin-lead
M Silver, tin-lead
G Gold over silver
L Gold over silver, tin-lead
P Gold, matte-tin
S Silver, matte-tin
R Gold over silver, matte-tin
Seal
E Epoxy
F Epoxy seal and splashproof RTV latex rubber seal
Terminations
A Right angle, PC thru-hole
(TS01 & TS03 models only)
C PC Thru-hole
W Wire wrap
Models Available


Similar Part No. - TS03WSE

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS03 SUNTAN-TS03 Datasheet
304Kb / 2P
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
logo
CUI INC
TS03 CUI-TS03 Datasheet
440Kb / 4P
TACTILE SWITCH
09/20/2021
TS03-66-50-BK-160-LCR-D CUI-TS03-66-50-BK-160-LCR-D Datasheet
440Kb / 4P
TACTILE SWITCH
09/20/2021
TS03-66-50-BK-260-LCR-D CUI-TS03-66-50-BK-260-LCR-D Datasheet
440Kb / 4P
TACTILE SWITCH
09/20/2021
TS03-66-70-BK-160-LCR-D CUI-TS03-66-70-BK-160-LCR-D Datasheet
440Kb / 4P
TACTILE SWITCH
09/20/2021
More results

Similar Description - TS03WSE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
ES01MCBE ITT-ES01MCBE Datasheet
393Kb / 4P
Sealed Tiny Slide Switches
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
C&K Components
TS01ABE CK-COMPONENTS-TS01ABE Datasheet
224Kb / 3P
Tiny Slide Switches
ES01MCBE CK-COMPONENTS-ES01MCBE Datasheet
400Kb / 4P
Sealed Tiny Slide Switches
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
C&K Components
ES CK-COMPONENTS-ES Datasheet
667Kb / 4P
Sealed Tiny Slide Switches
19 Apr 22
TS CK-COMPONENTS-TS Datasheet
304Kb / 3P
Tiny Slide Switches
27 Jul 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com