Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SY88823VKITR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY88823VKITR
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88823VKITR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY88823VKITR Datasheet HTML 3Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 4Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 5Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 6Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 7Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 8Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 9Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 10Page - Micrel Semiconductor SY88823VKITR Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
SY88823V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
TYPICAL APPLICATIONS CIRCUIT
VCC
EN
GND
To
CDR
SY88823V
100k
Ω
0.1
µF
From
Transimpedance
Amp.
DOUT
/DOUT
REF
VCC
SDLVL
DIN
/DIN
0.1
µF
0.1
µF
0.1
µF
0.1
µF
SD
50
Ω 50Ω
Part Number
Function
Data Sheet Link
SY88773V
3.3V/5V 3.2Gbps CML Low-Power,
http://www.micrel.com/_PDF/HBW/sy88773v.pdf
Limiting Post Amplifier w/ TTL LOS
SY88823V
3.3V/5V 3.2Gbps CML Low-Power,
http://www.micrel.com/_PDF/HBW/sy88823v.pdf
Limiting Post Amplifier w/ TTL SD
SY88843V
3.3V/5V 3.2Gbps CML Low-Power,
http://www.micrel.com/_PDF/HBW/sy88843v.pdf
Limiting Post Amplifier w/ TTL SD
SY88973V
3.3V/5V 3.2Gbps CML Low-Power,
http://www.micrel.com/_PDF/HBW/sy88973v.pdf
Limiting Post Amplifier w/ TTL LOS
Application Notes
Notes on Sensitivity and Hysteresis
http://www.micrel.com/product-info/app_hints+notes.shtml
in Micrel Post Amplifiers
RELATED PRODUCT AND SUPPORT DOCUMENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com