Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF5270VM100 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # PCF5270VM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5270VM100 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button PCF5270VM100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 17Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 20Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 21Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 22Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 23Page - Freescale Semiconductor, Inc PCF5270VM100 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Design Recommendations
Freescale Semiconductor
20
6.2
Power Supply
•33
µF, .1 µF and .01 µF across each power supply
6.3
Decoupling
•
Place the decoupling caps as close to the pins as possible, but they can be outside the footprint of
the package.
•.1
µF and .01 µF at each supply input
6.4
Buffering
•
Use bus buffers on all data/address lines for all off-board accesses and for all on-board accesses
when excessive loading is expected. See Section 8, “Preliminary Electrical Characteristics.”
6.5
Pull-up Recommendations
•
Use external pull-up resistors on unused inputs. See pin table.
6.6
Clocking Recommendations
•
Use a multi-layer board with a separate ground plane.
•
Place the crystal and all other associated components as close to the EXTAL and XTAL
(oscillator pins) as possible.
•
Do not run a high frequency trace around crystal circuit.
•
Ensure that the ground for the bypass capacitors is connected to a solid ground trace.
•
Tie the ground trace to the ground pin nearest EXTAL and XTAL. This prevents large loop
currents in the vicinity of the crystal.
•
Tie the ground pin to the most solid ground in the system.
•
Do not connect the trace that connects the oscillator and the ground plane to any other circuit
element. This tends to make the oscillator unstable.
•
Tie XTAL to ground when an external oscillator is clocking the device.
6.7
Interface Recommendations
6.7.1
SDRAM Controller
6.7.1.1
SDRAM Controller Signals in Synchronous Mode
Table 4 shows the behavior of SDRAM signals in synchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com