Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT11B2SAM35LFG Datasheet(PDF) 4 Page - ITT Industries

Part # KT11B2SAM35LFG
Description  Right Angle Sealed Tact Switch for SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KT11B2SAM35LFG Datasheet(HTML) 4 Page - ITT Industries

  KT11B2SAM35LFG Datasheet HTML 1Page - ITT Industries KT11B2SAM35LFG Datasheet HTML 2Page - ITT Industries KT11B2SAM35LFG Datasheet HTML 3Page - ITT Industries KT11B2SAM35LFG Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.ittcannon.com
B–27
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
ACTUATING FORCE
CONTACT PLATING
BUTTON
OPTION
CODE
MATERIAL
4
SILVER
5
GOLD
OPTION
CODE
FORCE
3
3 N (300 grams)
KT Series
Right Angle Sealed Tact Switch
02 PRESS FIT, Ø4 mm
03 SNAP FIT, HIGH TEMPERATURE, Ø8 mm
N
T
B
T
K
1
1
OPTION
BUTTON
CODE
COLOR
90
BLACK
80
IVORY
BUTTON TYPE
BUTTON COLOR
Button Color
ø5,08
(.200)
2,54
(.100)
BUTTON
To order buttons in bulk
MOUNTING BRACKET
PAD LAYOUT
AM & A3M MOUNTING BRACKET
PAD LAYOUT
A1M & A2M MOUNTING BRACKET
.195
(4,95)
.345
(8,76)
.148 TYP.
(3,76)
.067
(1,70)
SWITCH FACE
.030
(0,76)
.165 TYP.
(4,19)
.100
(2,54)
.230
(5,84)
.100
(2,54)
.195
(4,95)
.230
(5,84)
.345
(8,76)
.210
(5,33)
.110
(2,79)
.015
(0,38)
.067
(1,70)
.030
(0,76)
.148
(3,76)
.165
(4,19)
SWITCH FACE
Button Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com