Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT9933 Datasheet(PDF) 3 Page - Supertex, Inc

Part # AT9933
Description  Hysteretic Boost-Buck (cuk) LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AT9933 Datasheet(HTML) 3 Page - Supertex, Inc

  AT9933 Datasheet HTML 1Page - Supertex, Inc AT9933 Datasheet HTML 2Page - Supertex, Inc AT9933 Datasheet HTML 3Page - Supertex, Inc AT9933 Datasheet HTML 4Page - Supertex, Inc AT9933 Datasheet HTML 5Page - Supertex, Inc AT9933 Datasheet HTML 6Page - Supertex, Inc AT9933 Datasheet HTML 7Page - Supertex, Inc AT9933 Datasheet HTML 8Page - Supertex, Inc AT9933 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
AT9933
Symbol
Description
Min
Typ
Max
Units
Conditions
Reference
V
REF
REF pin voltage
-40°C < T
A < +85°C
-
1.212
1.25
1.288
V
REF bypassed with a 0.1µF
capacitor to GND, I
REF= 0,
PWMD = 5.0V
REF pin voltage
-40°C < T
A < +125°C
-
1.187
1.25
1.312
V
REFLINE
Line regulation of reference
voltage
-0
-
20
mV
REF bypassed with a 0.1µF
capacitor to GND, I
REF = 0,
V
DD = 7.0 – 9.0V, PWMD = 5.0V
I
REF
Reference output current range
-
-0.01
500
µA
REF bypassed with a 0.1µF
capacitor to GND, I
REF = 0;
V
DD = 7.0 – 9.0V, PWMD = 5.0V
V
REFLOAD
Load regulation of reference
voltage
-0
-
10
mV
REF bypassed with a 0.1µF
capacitor to GND, I
REF = 0 - 500µA,
PWMD = 5.0V
PWM Dimming
PWMD input low voltage
*
-
-
0.8
V
V
DD = 7.0V – 9.0V
V
PWMD(hi)
PWMD input high voltage
*
2.0
-
-
V
V
DD = 7.0V – 9.0V
R
PWMD
PWMD pull-down resistance
-
50
100
150
kΩ
V
PWMD = 5.0V
I
PWMD
Maximum current into PWMD pin
-
-
-
5
mA
---
GATE
I
SOURCE
GATE short circuit current
-
0.165
-
-
AV
GATE = 0V
I
SINK
GATE sinking current
-
0.165
-
-
A
V
GATE = VDD
T
RISE
GATE output rise time
-
-
30
50
ns
C
GATE = 500pF
T
FALL
GATE output fall time
-
-
30
50
ns
C
GATE = 500pF
Input Current Sense Comparator
V
TURNON1
Voltage required to turn GATE on
*
85
100
115
mV
CS2 = 200mV; CS1 increasing;
GATE goes LOW to HIGH
V
TURNOFF1
Voltage required to turn GATE off
*
-15
0
15
mV
CS2 = 200mV; CS1 decreasing;
GATE goes HIGH to LOW
T
D1,ON
Delay to output (turn on)
-
-
150
250
ns
CS2 = 200mV;
CS1 = 50mV to +200mV step
T
D1,OFF
Delay to output (turn off)
-
-
150
250
ns
CS2 = 200mV;
CS1 = 50mV to -100mV step
Output Current Sense Comparator
V
TURNON2
Voltage required to turn GATE on
*
85
100
115
mV
CS1 = 200mV; CS2 increasing;
GATE goes LOW to HIGH
V
TURNOFF2
Voltage required to turn GATE off
*
-15
0
15
mV
CS1 = 200mV; CS2 decreasing;
GATE goes HIGH to LOW
T
D2,ON
Delay to output (turn on)
-
-
150
250
ns
CS1 = 200mV;
CS2 = 50mV to +200mV step
T
D2,OFF
Delay to output (turn off)
-
-
150
250
ns
CS1 = 200mV;
CS2 = 50mV to -100mV step
1 Also limited by package power dissipation limit, whichever is lower.
2 Depends on the current drawn by the part - see application section.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com