Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5347 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5347
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5347 Datasheet HTML 7Page - Analog Devices ADRF5347 Datasheet HTML 8Page - Analog Devices ADRF5347 Datasheet HTML 9Page - Analog Devices ADRF5347 Datasheet HTML 10Page - Analog Devices ADRF5347 Datasheet HTML 11Page - Analog Devices ADRF5347 Datasheet HTML 12Page - Analog Devices ADRF5347 Datasheet HTML 13Page - Analog Devices ADRF5347 Datasheet HTML 14Page - Analog Devices ADRF5347 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
ADRF5347
APPLICATION INFORMATION
analog.com
Rev. 0 | 14 of 15
BACK-TO-BACK PHASE SHIFTER REFERENCE DESIGN
Figure 29. Back-to-Back Configuration Schematic
A typical application of the ADRF5347 is a four-step phase shifter
achieved by connecting the SP4T switches back to back. Each RF
arm may have a different delay line (Figure 29).
The switch control inputs, V1 and V2, can be connected together
to configure the back-to-back phase shifter, which is achieved by
applying inverted logic to the LS pin of SW1 and SW2. The LS
pins do not require additional routing due to the internal pull-up.
Therefore, the LS pin of ADRF5347 can be directly tied to ground or
left floating.
Figure 30, Figure 31 and Figure 32 show a reference four-step
phase shifter design with 0°, 30°, 60°, and 90° phases at 3.6
GHz. The plots represent the performance from the first switch's
RFC terminal to the second switch's RF terminal, with reference
planes at the package boundary. The design is implemented on
a low loss, low passive intermodulation substrate Aerowave-300.
Contact Analog Devices Technical Support for design files and
further recommendations.
Figure 30. Back-to-Back Insertion Loss vs. Frequency
Figure 31. Back-to-Back Normalized Phase vs. Frequency
Figure 32. Input and Output Return Loss vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com