Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M61041FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61041FP
Description  4-Battery Version, No Reset Pin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61041FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61041FP Datasheet HTML 1Page - Renesas Technology Corp M61041FP Datasheet HTML 2Page - Renesas Technology Corp M61041FP Datasheet HTML 3Page - Renesas Technology Corp M61041FP Datasheet HTML 4Page - Renesas Technology Corp M61041FP Datasheet HTML 5Page - Renesas Technology Corp M61041FP Datasheet HTML 6Page - Renesas Technology Corp M61041FP Datasheet HTML 7Page - Renesas Technology Corp M61041FP Datasheet HTML 8Page - Renesas Technology Corp M61041FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
M61041FP
Rev.1.0, Sep.19.2003, page 2 of 28
Output
selector
VREG
GND
VIN_11
VIN_1
CIN
VIN_12
CFOUT
DFOUT
Analog
_OUT
VCC
Series
regulator
Charge/discharge
current detect circuit
Battery
voltage
detect
circuit
VIN_2
VIN_3
VIN_4
Overcurrent
detect circuit
Delay circuit
Battery 1-4
analog
output
Serial/parallel
converter
circuit
CS
DI
CK
Regulator
On/off control
Power-down
circuit
Shift
voltage
adjustor
Gain switcher circuit
FET
control circuit
Figure 2 Block Diagram
Pin Function Description
Table 1
Pin No.
Symbol
Function
1
Vcc
The chip’s power supply pin. Power is supplied by the charger or the battery.
2
VIN_1
Positive input pin for lithium ion battery 1.
3
VIN_2
Negative input pin for lithium ion battery 1. Positive input pin for lithium ion battery 2.
4
VIN_3
Negative input pin for lithium ion battery 2. Positive input pin for lithium ion battery 3.
5
VIN_4
Negative input pin for lithium ion battery 3. Positive input pin for lithium ion battery 4.
6
VIN_12
Charger connect monitor pin. Detects changes from power-down status.
7
DFOUT
Output pin for discharge FET on/off signals. Also turns off when overcurrent detected.
8
CFOUT
Output pin for charge FET on/off signals.
9
GND
Ground pin. Negative input pin for lithium ion battery 4. Connected to charge/discharge
current sensor resistor.
10
VIN_11
Charge/discharge current monitor pin. Connected to charge/discharge current sensor
resistor.
11
Analog_OUT
Output pin for analog signals.
12
CIN
Capacity connection pin for setting overcurrent prevention delay time.
13
CS
When this pin is low level, data input is accepted and data can be stored in a 6-bit shift
register. At the rising edge from low to high the value in the 6-bit shift register is
latched.
14
CK
Shift clock input pin. At the rising edge to high the input signal from the DI pin is input to
the 6-bit shift register.
15
DI
Shift data input pin. Serial data with a data length of 6 bits may be input via this pin.
16
Vreg
Power supply pin for microprocessor. Power can be shut off using a signal from the
microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com