Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SV-MPF2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SV-MPF2
Description  How Filters Trap More Dirt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SV-MPF2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SV-MPF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SV-MPF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SV-MPF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Date :
August 20, 2008
Filter ID :
Type 2 Filter
Test Type :
Fractional Efficiency
Test Aerosol :
KCl, Neutralized
Flow rate(cfm)
40 cfm (Type 2)
Dp (" H2O)
3.079
Size Range (mm)
Fractional Efficiency (%)
0.3-0.5
47.0
0.5-0.7
64.9
0.7-1.0
76.9
1.0-2.0
90.7
2.0-3.0
96.7
3.0-5.0
99.4
>5.0
100.0
Date :
August 20, 2008
Filter ID :
Type 1 Filter
Test Type :
Fractional Efficiency
Test Aerosol :
KCl, Neutralized
Flow rate(cfm)
40 cfm (Type 1)
Dp (" H2O)
3.157
Size Range (mm)
Fractional Efficiency (%)
0.3-0.5
99.980
0.5-0.7
99.991
0.7-1.0
99.999
1.0-2.0
100.000
2.0-3.0
100.000
3.0-5.0
100.000
>5.0
100.000
Date :
August 20, 2008
Filter ID :
Type 1a Filter (HEPA)
Test Type :
Fractional Efficiency
Test Aerosol :
KCl, Neutralized
Flow rate(cfm)
40 cfm (Type 1a)
Dp (" H2O)
3.157
Size Range (mm) Fractional Efficiency (%)
0.3-0.5
99.988
0.5-0.7
99.995
0.7-1.0
100.000
1.0-2.0
100.000
2.0-3.0
100.000
3.0-5.0
100.000
>5.0
100.000
Efficiency
Fractional Efficiency versus Particle Diameter
0
20
40
60
80
100
1
10
Particle Diameter (µm)
Fractional Efficiency (%)
40 cfm (Type 2)
40 cfm (Type 1)
40 cfm (Type 1a)
Typical Loading
"Weight Gain (gram)
Alumina Fines"
"Pressure Drop
(mm H2O)"
0.0
655.7
454.0
358.0
908.0
168.0
1362.0
70.6
1816.0
5.1
1828.3
2.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com