Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553AVZ80 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5553AVZ80
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVZ80 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVZ80 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5553AVZ80 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
25
Figure 3. Pad Output Delay
3.13
AC Timing
3.13.1
Reset and Configuration Pin Timing
Table 19. Reset and Configuration Pin Timing1
1 Reset timing specified at F
SYS = 132MHz, VDDEH = 3.0V to 5.25V, VDD = 1.35V to 1.65V, TA = TL to TH.
Num
Characteristic
Symbol
Min
Max
Unit
1
RESET Pulse Width
tRPW
10
—
tCYC
2
RESET Glitch Detect Pulse Width
tGPW
2—
tCYC
3
PLLCFG, BOOTCFG, WKPCFG, RSTCFG Setup Time to RSTOUT Valid
tRCSU
10
—
tCYC
4
PLLCFG, BOOTCFG, WKPCFG, RSTCFG Hold Time from RSTOUT Valid
tRCH
0—
tCYC
VDD/2
VOH
VOL
Rising
Edge
Out
Delay
Falling
Edge
Out
Delay
Pad
Internal Data Input Signal
Pad
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com