Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTAC5205SADFG Datasheet(PDF) 2 Page - ITT Industries

Part # RTAC5205SADFG
Description  1-4 Poles Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTAC5205SADFG Datasheet(HTML) 2 Page - ITT Industries

  RTAC5205SADFG Datasheet HTML 1Page - ITT Industries RTAC5205SADFG Datasheet HTML 2Page - ITT Industries RTAC5205SADFG Datasheet HTML 3Page - ITT Industries RTAC5205SADFG Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L–9
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K RTA Series
1-4 Poles Coded Rotary Switches
DESIGNATION
INDEXING
RTAC
WITH SOLDER LUGS
RTAP
WITH PC PINS
36
36 index, 10 positions max.
Both commons must be connected by user to ground.
30
30 index, 12 positions max.
22.5
22.5 index, 16 positions max.
36
SP
10 positions
no stop
RTAP36110SSD25S
30
SP
12 positions
no stop
RTAP30112SSD25S
22.5
Binary
RTAP22.5BSSD25S
INDEX
FUNCTION
PART NUMBER
36
SP
10 positions
no stop
RTAC36110SAD25S
30
SP
12 positions
no stop
RTAC30112SAD25S
22.5
Binary
RTAC22.5BSAD25S
INDEX
FUNCTION
PART NUMBER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com