Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFL27015SW/CH Datasheet(PDF) 8 Page - International Rectifier

Part # AFL27015SW/CH
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27015SW/CH Datasheet(HTML) 8 Page - International Rectifier

Back Button AFL27015SW/CH Datasheet HTML 2Page - International Rectifier AFL27015SW/CH Datasheet HTML 3Page - International Rectifier AFL27015SW/CH Datasheet HTML 4Page - International Rectifier AFL27015SW/CH Datasheet HTML 5Page - International Rectifier AFL27015SW/CH Datasheet HTML 6Page - International Rectifier AFL27015SW/CH Datasheet HTML 7Page - International Rectifier AFL27015SW/CH Datasheet HTML 8Page - International Rectifier AFL27015SW/CH Datasheet HTML 9Page - International Rectifier AFL27015SW/CH Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.irf.com
AFL270XXD Series
Figure V. Connection for V
OUT Adjustment
Input Filter
Undervoltage Lockout
The AFL270XXD series converters incorporate a single
stage LC input filter whose elements dominate the input
load impedance characteristic during the turn-on sequence.
The input circuit is as shown in Figure IV.
Figure IV. Input Filter Circuit
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 150
± 5 volts. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a hys-
teresis of approximately 10 volts is incorporated in this cir-
cuit. Thus if the input voltage droops to 140
± 5 volts, the
converter will shut down and remain inoperative until the
input voltage returns to
≈150 volts.
Output Voltage Adjust
Connect R
adj
to + to increase, - to decrease
By use of the trim pin (10), the magnitude of output voltages
can be adjusted over a limited range in either a positive or
negative direction. Connecting a resistor between the trim
pin and either the output return or the positive output will
raise or lower the magnitude of output voltages. The span
of output voltage adjustment is restricted to the limits shown
in Table I.
Table 1. Output Voltage Trim Values and Limits
Note that the nominal magnitude of output voltage resides in
the middle of the table and the corresponding resistor value
is set to
∞. To set the magnitude greater than nominal, the
adjust resistor is connected to output return. To set the
magnitude less than nominal, the adjust resistor is con-
nected to the positive output. (Refer to Figure V.)
For output voltage settings that are within the limits, but
between those listed in Table I, it is suggested that the
resistor values be determined empirically by selection or by
use of a variable resistor. The value thus determined can
then be replaced with a good quality fixed resistor for per-
manent installation.
When use of this adjust feature is elected, the user should
be aware that the temperature performance of the con-
verter output voltage will be affected by the temperature
performance of the resistor selected as the adjustment
element and therefore, is advised to employ resistors with a
tight temperature coefficient of resistance.
8.4µH
Pin 1
Pin 2
0.54µfd
AFL27005D
AFL27012D
AFL27015D
V
out
R
adj
V
out
R
adj
V
out
R
adj
5.5
0
12.5
0
15.5
0
5.4
12.5K
12.4
47.5K
15.4
62.5K
5.3
33.3K
12.3
127K
15.3
167K
5.2
75K
12.2
285K
15.2
375K
5.1
200K
12.1
760K
15.1
1.0M
5.0
∞
12.0
∞
15.0
∞
4.9
190K
11.7
975K
14.6
1.2M
4.8
65K
11.3
288K
14.0
325K
4.7
23K
10.8
72.9K
13.5
117K
4.6
2.5K
10.6
29.9K
13.0
12.5K
4.583
0
10.417
0
12.917
0
Enable 2
Share
Trim
- Vout
Return
+ Vout
To
Loads
R
ADJ
AFL270xxD
7
12
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com