Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553AVF112 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF112
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF112 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5553AVF112 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
36
3.13.5
External Interrupt Timing (IRQ Pin)
Figure 14. External Interrupt Timing
Figure 15. External Interrupt Setup Timing
Table 23. External Interrupt Timing1
1 IRQ timing specified at F
SYS = 132MHz, VDD = 1.35V to 1.65V, VDDEH = 3.0V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V,
TA = TL to TH, and CL = 200pF with SRC = 0b11.
Num
Characteristic
Symbol
Min
Max
Unit
1
IRQ Pulse Width Low
tIPWL
3—
tCYC
2
IRQ Pulse Width High
TIPWH
3—
tCYC
3
IRQ Edge to Edge Time2
2 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
tICYC
6—
tCYC
IRQ
1
2
3
CLKOUT
IRQ
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com