Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F6410E/PTQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F6410E/PTQTP Datasheet HTML 9Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 10Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 11Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 12Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 13Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 14Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 15Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 16Page - Microchip Technology PIC18F6410E/PTQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 11
PIC18F6310/6410/8310/8410
FIGURE 1-2:
PIC18F8310/8410 (80-PIN) BLOCK DIAGRAM
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
8
8
3
Note
1:
CCP2 multiplexing is determined by the settings of the CCP2MX and PM1:PM0 configuration bits.
2:
RG5 is only available when MCLR functionality is disabled.
3:
OSC1/CLKI and OSC2/CLKO are only available in select oscillator modes and when these pins are not being used as digital I/O.
Refer to Section 2.0 “Oscillator Configurations” for additional information.
W
8
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1(3)
OSC2(3)
VDD,
Brown-out
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Precision
Reference
Band Gap
VSS
MCLR(2)
Block
INTRC
Oscillator
8 MHz
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
T1OSI
T1OSO
PORTH
RH7:RH4
RH3/AD19:RH0/AD16
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/HLVDIN
RB0/INT0
RC0/T1OSO/T13CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX1/CK1
RC7/RX1/DT1
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
RB1/INT1
RB2/INT2
RB3/INT3/CCP2(1)
PORTD
OSC2/CLKO(3)/RA6
RB4/KBI0
RB5/KBI1
RB6/KBI2/PGC
RB7/KBI3/PGD
OSC1/CLKI(3)/RA7
PORTE
PORTF
RF0/AN5
RF1/AN6/C2OUT
RF2/AN7/C1OUT
RF3/AN8
RF4/AN9
RF5/AN10/CVREF
RF6/AN11
RF7/SS
PORTG
RG0/CCP3
RG1/TX2/CK2
RG2/RX2/DT2
RG3
RG4
RG5(2)/MCLR/VPP
EUSART1
Comparators
MSSP
Timer2
Timer1
Timer3
Timer0
HLVD
CCP1
BOR
ADC
10-bit
AUSART2
CCP2
CCP3
Instruction
Decode &
Control
Data Latch
Data Memory
(8/16 Kbytes)
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
412
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
Address Latch
Program Memory
(48/64 Kbytes)
Data Latch
20
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
TABLE LATCH
8
IR
12
ROM LATCH
PCLATU
PCU
Instruction Bus <16>
STKPTR
Bank
State Machine
Control Signals
Decode
AD15:AD0, A19:A16
RD7/AD7/PSP7:
RD0/AD0/PSP0
RE0/AD8/RD
RE1/AD9/WR
RE2/AD10/CS
RE3/AD11
RE4/AD12
RE5/AD13
RE6/AD14
RE7/CCP2(1)/AD15
PORTJ
RJ0/ALE
RJ1/OE
RJ2/WRL
RJ3/WRH
RJ4/BA0
RJ5/CE
RJ6/LB
RJ7/UB
(Multiplexed with PORTD,
PORTE and PORTH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com