Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410I/PTSQTP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC18F6410I/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410I/PTSQTP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC18F6410I/PTSQTP Datasheet HTML 83Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 84Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 85Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 86Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 87Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 88Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 89Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 90Page - Microchip Technology PIC18F6410I/PTSQTP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 85
PIC18F6310/6410/8310/8410
6.0
PROGRAM MEMORY
For PIC18FX310/X410 devices, the on-chip program
memory is implemented as read-only memory. It is
readable over the entire VDD range during normal
operation; it cannot be written to or erased. Reads from
program memory are executed one byte at a time.
PIC18F8410 devices also implement the ability to read,
write to and execute code from external memory
devices using the external memory interface. In this
implementation, external memory is used as all or part
of the program memory space. The operation of the
physical interface is discussed in Section 7.0 “External
Memory Interface”.
In all devices, a value written to the program memory
space does not need to be a valid instruction.
Executing a program memory location that forms an
invalid instruction results in a NOP.
6.1
Table Reads and Table Writes
To read and write to the program memory space, there
are two operations that allow the processor to move
bytes between the program memory space and the
data RAM: table read (TBLRD) and table write (TBLWT).
The program memory space is 16 bits wide, while the
data RAM space is 8 bits wide. Table reads and table
writes move data between these two memory spaces
through an 8-bit register (TABLAT).
Table read operations retrieve data from program
memory and places it into the data RAM space. Table
write operations place data from the data memory
space on the external data bus. The actual process of
writing the data to the particular memory device is
determined by the requirements of the device itself.
Figure 6-1 shows the table operations as they relate to
program memory and data RAM.
Table operations work with byte entities. A table block
containing data, rather than program instructions, is not
required to be word-aligned. Therefore, a table block
can start and end at any byte address. If a table write is
being used to write executable code into an external
program memory, program instructions will need to be
word-aligned.
FIGURE 6-1:
TABLE READ AND TABLE WRITE OPERATIONS
Note:
Although it cannot be used in PIC18F6310
devices in normal operation, the TBLWT
instruction is still implemented in the
instruction set. Executing the instruction
takes two instruction cycles, but effectively
results in a NOP.
The TBLWT instruction is available in
programming modes and is used during
In-Circuit Serial Programming (ICSP).
Table Pointer(1)
Table Latch (8-bit)
Program Memory Space
TBLPTRH TBLPTRL
TABLAT
TBLPTRU
Instruction: TBLRD*
Note 1:
Table Pointer register points to a byte in the program memory space.
2:
Data is actually written to the memory location by the memory write algorithm. See Section 6.4
“Writing to Program Memory Space (PIC18F8310/8410 only)” for more information.
Table Pointer(1)
Table Latch (8-bit)(2)
TBLPTRH TBLPTRL
TABLAT
TBLPTRU
Instruction: TBLWT*
Program Memory Space
Data Memory Space
Data Memory Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com