Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553AVF132R2 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF132R2
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF132R2 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF132R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5553AVF132R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
45
3.14
Fast Ethernet AC Timing Specifications
MII signals use TTL signal levels compatible with devices operating at 3.3 V. Note that the timing
specifications for the MII signals are independent of system clock frequency (part speed designation).
3.14.1
MII Receive Signal Timing (RXD[3:0], RX_DV, RX_ER, and RX_CLK)
The receiver functions correctly up to a RX_CLK maximum frequency of 25 MHz +1%. There is no
minimum frequency requirement. In addition, the processor clock frequency must exceed 4
× the RX_CLK
frequency.
Table 28 lists MII receive channel timings.
Figure 28 shows MII receive signal timings listed in Table 28.
Figure 28. MII Receive Signal Timing Diagram
Table 28. MII Receive Signal Timing
Num
Characteristic
Min
Max
Unit
1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
5
—
ns
2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
5
—
ns
3
RX_CLK pulse width high
35%
65%
RX_CLK period
4
RX_CLK pulse width low
35%
65%
RX_CLK period
M1
M2
RX_CLK (input)
RXD[3:0] (inputs)
RX_DV
RX_ER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com