Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS02A12-32PX Datasheet(PDF) 7 Page - ITT Industries

Part # MS02A12-32PX
Description  KPSE High performance crimp contact connectors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS02A12-32PX Datasheet(HTML) 7 Page - ITT Industries

Back Button MS02A12-32PX Datasheet HTML 3Page - ITT Industries MS02A12-32PX Datasheet HTML 4Page - ITT Industries MS02A12-32PX Datasheet HTML 5Page - ITT Industries MS02A12-32PX Datasheet HTML 6Page - ITT Industries MS02A12-32PX Datasheet HTML 7Page - ITT Industries MS02A12-32PX Datasheet HTML 8Page - ITT Industries MS02A12-32PX Datasheet HTML 9Page - ITT Industries MS02A12-32PX Datasheet HTML 10Page - ITT Industries MS02A12-32PX Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
A-44
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Cable Connecting Plugs
MS3111 (MS service class E,F,J,P)
KPT01
MS3121 (MS service class E,F,P)
KPSE01
P
Shell
A
HJ
+.031 (+.79)
S
Y
Q Thread
Size
±.003 (±.08)
±.016 (±.41)
-.000 (-.00)
Max.
Max.
Class 2A
†8
.471 (11.96)
.094 (2.39)
.400 (10.16)
.828 (21.03)
.958 (24.33)
7/16-28UNEF
10
.588 (14.94)
.094 (2.39)
.400 (10.16)
.954 (24.23)
1.082 (27.48)
9/16-24UNEF
12
.748 (19.00)
.094 (2.39)
.400 (10.16)
1.047 (26.59)
1.176 (29.87)
11/16-24UNEF
14
.873 (22.17)
.094 (2.39)
.400 (10.16)
1.141 (24.99)
1.270 (32.26)
13/16-20UNEF
16
.998 (25.35)
.094 (2.39)
.400 (10.16)
1.110 (28.98)
1.364 (34.65)
15/16-20UNEF
18
1.123 (28.52)
.094 (2.39)
.400 (10.16)
1.234 (31.34)
1.458 (37.03)
1-1/16-18UNEF
20
1.248 (31.70)
.115 (2.92)
.535 (13.59)
1.328 (33.73)
1.582 (40.18)
1-3/16-18UNEF
22
1.373 (34.87)
.115 (2.92)
.535 (13.59)
1.578 (40.08)
1.708 (43.38)
1-5/16-18UNEF
24
1.498 (38.05)
.115 (2.92)
.558 (14.43)
1.703 (43.26)
1.832 (46.53)
1-7/16-18UNEF
† Not available in KPSE *(TP) located within .010 T.P. with respect to diameter A and master keyway.
PLUG ASSEMBLY
POLARIZING
GROOVE
S
Y Dia.
CRIMP
KPSE01/MS3121
SOLDER
KPT01/MS3111
SEE TERMINATION
ASSEMBLY
SEE TERMINATION
ASSEMBLY
A
Dia.
Q THD
H
P
H
A
Dia.
Q THD
GROMMET FOR
TYPES E & F
GROMMET FOR
TYPES A, B, J & P
P
Cannon KPT/KPSE
MIL-C-26482 Series I Connectors
TYPE J
TYPE P
Shell
DJ
HJ
L J
BP
DP
LP
Size
Max./Min.
Max.
Max.
Max.
Min.
Max.
†8
.230/.168 (5.84/4.27)
.828 (21.03)
2.271 (57.68)
.608 (15.44)
.317 (8.05)
1.453 (36.91)
10
.312/.205 (7.92/5.21)
.891 (22.63)
2.271 (57.68)
.734 (18.64)
.434 (11.02)
1.453 (36.91)
12
.442/.338 (11.23/8.59)
1.016 (25.81)
2.411 (61.24)
.858 (21.79)
.548 (13.92)
1.453 (36.91)
14
.539/.416 (13.56/10.57)
1.141 (28.98)
2.599 (66.01)
.984 (24.99)
.673 (17.09)
1.453 (36.91)
16
.616/.550 (15.65/13.97)
1.203 (30.56)
2.943 (74.75)
1.110 (28.19)
.798 (20.27)
1.453 (36.91)
18
.672/.600 (17.07/15.24)
1.469 (37.31)
3.172 (80.57)
1.234 (31.34)
.899 (20.83)
1.453 (36.91)
20
.747/.634 (18.97/16.13)
1.469 (37.31)
3.610 (91.69)
1.360 (34.54)
1.024 (26.01)
1.672 (42.47)
22
.846/.670 (21.49/17.02)
1.656 (42.06)
3.766 (95.66)
1.484 (37.69)
1.149 (29.18)
1.672 (42.47)
24
.894/.740 (22.71/18.80)
1.750 (44.45)
3.985 (101.22)
1.610 (40.89)
1.274 (32.36)
1.734 (44.04)
TYPE A
TYPE B and F
TYPE E
Shell
DA
LA
V Thread
GBF
HBF
LBF
BE
LE
Size
Min.
Max.
Class 2A
Min.
Max.
Max.
Max.
Max.
†8
.335 (8.51)
1.50 (38.00)
1/2-28UNEF
.115 (2.92)
.828 (21.03)
1.922 (48.82)
.608 (15.44)
1.328 (33.73)
10
.466 (11.84)
1.50 (38.00)
5/8-24UNEF
.178 (4.52)
.891 (22.63)
1.922 (48.82)
.734 (18.64)
1.328 (33.73)
12
.591 (15.01)
1.50 (38.00)
3/4-20UNEF
.302 (7.67)
1.016 (25.81)
1.922 (48.82)
.858 (21.79)
1.328 (33.73)
14
.700 (17.90)
1.50 (38.00)
7/8-20UNEF
.365 (9.27)
1.141 (28.98)
1.922 (48.82)
.984 (24.99)
1.328 (33.73)
16
.830 (21.08)
1.50 (38.00)
1-20UNEF
.490 (12.45)
1.203 (30.56)
2.047 (51.99)
1.110 (28.19)
1.328 (33.73)
18
.948 (24.08)
1.50 (38.00)
1-3/16-18UNEF
.615 (15.62)
1.469 (37.31)
2.078 (52.78)
1.234 (31.34)
1.328 (33.73)
20
1.043 (26.49)
1.728 (43.89)
1-3/16-18UNEF
.615 (15.62)
1.469 (37.31)
2.344 (59.54)
1.360 (34.54)
1.531 (38.89)
22
1.198 (30.43)
1.728 (43.89)
1-7/16-18UNEF
.740 (18.80)
1.656 (42.06)
1.344 (34.14)
1.484 (37.69)
1.531 (38.89)
24
1.293 (32.84)
1.738 (44.15)
1-7/16-18UNEF
.790 (20.07)
1.750 (44.45)
2.406 (61.11)
1.610 (40.49)
1.594 (40.49)
Cable Connecting Plugs with Termination Assemblies
V THD
TYPE A
DA
LA
.395
(10.03)
MN
TYPE B AND F
HBF
GBF
LBF
BE
LE
HJ
LJ
DJ
LP
BP
HJ
TYPE J
TYPE P
TYPE E
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com