Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEUFR1V152S Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # EEUFR1V152S
Description  Radial Lead Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EEUFR1V152S Datasheet(HTML) 1 Page - Panasonic Battery Group

  EEUFR1V152S Datasheet HTML 1Page - Panasonic Battery Group EEUFR1V152S Datasheet HTML 2Page - Panasonic Battery Group EEUFR1V152S Datasheet HTML 3Page - Panasonic Battery Group EEUFR1V152S Datasheet HTML 4Page - Panasonic Battery Group EEUFR1V152S Datasheet HTML 5Page - Panasonic Battery Group EEUFR1V152S Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
010 <
Sleeve
14 min.
3 min.
L✽
✽ L < 16 : L±1.5
L
> 20 : L±2.0
Pressure relief
06.3 <
+
–
< 08
0D±0.5
0D±0.5
● Low ESR (Same as FM Series)
● Endurance : 105 °C 5000 h to 10000 h
● RoHS compliant
● Malaysia
● Not applicable for automotive
Features
Country of origin
Attention
Radial Lead Type
Series : FR Type : A
Frequency correction factor for ripple current
Dimensions
Specifications
Category temperature range
–40 °C to +105 °C
Rated voltage range
6.3 V.DC to 100 V.DC
Capacitance range
4.7 µF to 8200 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV (µA) After 2 minutes
Dissipation factor
(tan
d)
V.DC
6.3
10
16
25
35
50
63
100
(120 Hz/+20 °C)
tan
d
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
05×11/ 06.3×11.2 : 5000 hours
08×11.5/ 010×12.5 : 6000 hours (✽ Only EEUFR1V331U (010×12.5) 5000 hours)
08×15/ 010×16 : 8000 hours, 08×20 : 9000 hours
010×20 to 010×25/ 012.5×20 to 012.5×35/ 016×20 to 016×25 : 10000 hours
Capacitance change Within ±25 % of the initial value (6.3 V.DC to 10 V.DC : ±30 %)
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Rated voltage (V.DC)
Capacitance (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 100
4.7
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
8200
0.75
0.80
0.95
1.00
1.00
0D5
6.3
8
10
12.5
16
L
————
12.5 to 25
30 to 35
—
0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
F
2.0
2.5
3.5
5.0
5.0
7.5
(Unit : mm)
Mar. 2016
07


Similar Part No. - EEUFR1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
109Kb / 4P
Radial Lead Type
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors FR
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
149Kb / 6P
Aluminum Electrolytic Capacitors/ FR
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEUFR1V152S PANASONIC-EEUFR1V152S Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEUFR1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com