Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS128H Datasheet(PDF) 57 Page - SPANSION

Part # AM29BDS128H
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128H Datasheet(HTML) 57 Page - SPANSION

Back Button AM29BDS128H Datasheet HTML 53Page - SPANSION AM29BDS128H Datasheet HTML 54Page - SPANSION AM29BDS128H Datasheet HTML 55Page - SPANSION AM29BDS128H Datasheet HTML 56Page - SPANSION AM29BDS128H Datasheet HTML 57Page - SPANSION AM29BDS128H Datasheet HTML 58Page - SPANSION AM29BDS128H Datasheet HTML 59Page - SPANSION AM29BDS128H Datasheet HTML 60Page - SPANSION AM29BDS128H Datasheet HTML 61Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
55
D A TA
SH EE T
TEST CONDITIONS
Table 24.
Test Specifications
KEY TO SWITCHING WAVEFORMS
SWITCHING WAVEFORMS
CL
Device
Under
Test
Figure 12.
Test Setup
Test Condition
All Speed Options
Unit
Output Load Capacitance, CL
(including jig capacitance)
30
pF
Input Rise and Fall Times
3
ns
Input Pulse Levels
0.0–VIO
V
Input timing measurement
reference levels
VIO/2
V
Output timing measurement
reference levels
VIO/2
V
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
Figure 13.
Input Waveforms and Measurement Levels
VIO
0.0 V
Output
Measurement Level
Input
VIO/2
VIO/2
All Inputs and Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com