Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NUCLEO-F070RB Datasheet(PDF) 1 Page - STMicroelectronics

Part # NUCLEO-F070RB
Description  STM32 Nucleo-64 boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NUCLEO-F070RB Datasheet(HTML) 1 Page - STMicroelectronics

  NUCLEO-F070RB Datasheet HTML 1Page - STMicroelectronics NUCLEO-F070RB Datasheet HTML 2Page - STMicroelectronics NUCLEO-F070RB Datasheet HTML 3Page - STMicroelectronics NUCLEO-F070RB Datasheet HTML 4Page - STMicroelectronics NUCLEO-F070RB Datasheet HTML 5Page - STMicroelectronics NUCLEO-F070RB Datasheet HTML 6Page - STMicroelectronics NUCLEO-F070RB Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NUCLEO-G474RE example. Boards with
different references show different
layouts. Picture is not contractual.
Features
•
Common features
–
STM32 microcontroller in LQFP64 package
–
1 user LED shared with ARDUINO®
–
1 user and 1 reset push-buttons
–
32.768 kHz crystal oscillator
–
Board connectors:
◦
ARDUINO® Uno V3 expansion connector
◦
ST morpho extension pin headers for full access to all STM32 I/Os
–
Flexible power-supply options: ST-LINK, USB VBUS, or external sources
–
On-board ST-LINK debugger/programmer with USB re-enumeration
capability: mass storage, Virtual COM port and debug port
–
Comprehensive free software libraries and examples available with the
STM32Cube MCU Package
–
Support of a wide choice of Integrated Development Environments (IDEs)
including IAR Embedded Workbench®, MDK-ARM, and STM32CubeIDE
•
Board-specific features
–
External SMPS to generate Vcore logic supply
–
24 MHz HSE
–
Board connectors:
◦
External SMPS experimentation dedicated connector
◦
Micro-AB or Mini-AB USB connector for the ST-LINK
◦
MIPI® debug connector
–
Arm® Mbed Enabled™ compliant
Description
The STM32 Nucleo-64 board provides an affordable and flexible way for users to try
out new concepts and build prototypes by choosing from the various combinations of
performance and power consumption features, provided by the STM32
microcontroller. For the compatible boards, the external SMPS significantly reduces
power consumption in Run mode.
The ARDUINO® Uno V3 connectivity support and the ST morpho headers allow the
easy expansion of the functionality of the STM32 Nucleo open development platform
with a wide choice of specialized shields.
The STM32 Nucleo-64 board does not require any separate probe as it integrates the
ST-LINK debugger/programmer.
The STM32 Nucleo-64 board comes with the STM32 comprehensive free software
libraries and examples available with the STM32Cube MCU Package.
Product status link
NUCLEO-XXXXRX
NUCLEO-F030R8, NUCLEO-F070RB,
NUCLEO-F072RB, NUCLEO-F091RC,
NUCLEO-F103RB, NUCLEO-F302R8,
NUCLEO-F303RE, NUCLEO-F334R8,
NUCLEO-F401RE, NUCLEO-F410RB,
NUCLEO-F411RE, NUCLEO-F446RE,
NUCLEO-G070RB, NUCLEO-G071RB,
NUCLEO-G0B1RE, NUCLEO-G431RB,
NUCLEO-G474RE, NUCLEO-G491RE,
NUCLEO-L010RB, NUCLEO-L053R8,
NUCLEO-L073RZ, NUCLEO-L152RE,
NUCLEO-L452RE, NUCLEO-L476RG.
NUCLEO-XXXXRX-P
NUCLEO-L412RB-P,
NUCLEO-L433RC-P,
NUCLEO-L452RE-P.
STM32 Nucleo-64 boards
NUCLEO
‑XXXXRX NUCLEO‑XXXXRX‑P
Data brief
DB2196 - Rev 14 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - NUCLEO-F070RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F070RB ETC2-NUCLEO-F070RB Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
NUCLEO-F070RB ETC2-NUCLEO-F070RB Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
logo
STMicroelectronics
NUCLEO-F070RB STMICROELECTRONICS-NUCLEO-F070RB Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-F070RB STMICROELECTRONICS-NUCLEO-F070RB Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-F070RB STMICROELECTRONICS-NUCLEO-F070RB Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
More results

Similar Description - NUCLEO-F070RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
STM32 Nucleo-32 boards
UM1974 ETC2-UM1974 Datasheet
2Mb / 62P
STM32 Nucleo-144 board
logo
STMicroelectronics
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
STM32 Nucleo-144 boards
24-Jun-2021
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
SPI display expansion boards for STM32 Nucleo-64
20-Oct-2021
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V02 Datasheet
237Kb / 4P
STM32 Nucleo-64 boards
08-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com