Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29PDL127H63 Datasheet(PDF) 68 Page - SPANSION

Part # AM29PDL127H63
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL127H63 Datasheet(HTML) 68 Page - SPANSION

Back Button AM29PDL127H63 Datasheet HTML 60Page - SPANSION AM29PDL127H63 Datasheet HTML 61Page - SPANSION AM29PDL127H63 Datasheet HTML 62Page - SPANSION AM29PDL127H63 Datasheet HTML 63Page - SPANSION AM29PDL127H63 Datasheet HTML 64Page - SPANSION AM29PDL127H63 Datasheet HTML 65Page - SPANSION AM29PDL127H63 Datasheet HTML 66Page - SPANSION AM29PDL127H63 Datasheet HTML 67Page - SPANSION AM29PDL127H63 Datasheet HTML 68Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
66
Am29PDL127H
June 07, 2005
P RE L I M I NARY
Distinctive Characteristics
Performance Characteristics:
Under Power Consump-
tion bullet, changed active read current from 55 to 45
mA; changed program/erase current from 25 to 18
mA.
DC Characteristics
Changed IOL test conditions for VOL from 4.0 mA to 2.0
mA.
Table 16, Test Specifications
Changed CL from 70 pF to 30 pF. Added note for 70 pF
load capacitance.
AC Characteristics
Read-only Operations table:
Added note for 70 pF
load capacitance.
SecSi
TM (Secured Silicon) Sector Flash Memory
Region
Customer-Lockable Area: Added sector protection fig-
ure and changed figure reference in this section from
Figure 1 to Figure 3.
Table 16. Sector Protection Command Definitions
Corrected number of cycles for SecSi Protection Bit
Status, PPMLB Status, and SPMLB Status from 4 to 5
cycles. For these command sequences, inserted a
cycle before the final read cycle (RD0).
Revision A+6 (June 7, 2005)
Coverpage and Title page
Updated EOL disclaimers.
Added notation to superseding documents.
Trademarks
Copyright © 2005 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com