| Electronic Components Datasheet Search |
|
AM29BDS128HE9VFI Datasheet(PDF) 55 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BDS128HE9VFI Datasheet(HTML) 55 Page - SPANSION |
|
55 / 89 page ![]() May 10, 2006 27024B3 Am29BDS128H/Am29BDS640H 53 D A TA SH EE T ABSOLUTE MAXIMUM RATINGS Storage Temperature Plastic Packages . . . . . . . . . . . . . . . –65°C to +150°C Ambient Temperature with Power Applied. . . . . . . . . . . . . . –65°C to +125°C Voltage with Respect to Ground: All Inputs and I/Os except as noted below (Note 1) . . . . . . . –0.5 V to VIO + 0.5 V VCC (Note 1) . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V VIO . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V A9, RESET#, ACC (Note 1) . . . . . –0.5 V to +12.5 V Output Short Circuit Current (Note 3) . . . . . . 100 mA Notes: 1. Minimum DC voltage on input or I/Os is –0.5 V. During voltage transitions, inputs or I/Os may undershoot VSS to –2.0 V for periods of up to 20 ns. See Figure 10. Maximum DC voltage on input or I/Os is VCC + 0.5 V. During voltage transitions outputs may overshoot to VCC + 2.0 V for periods up to 20 ns. See Figure 11. 2. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. 3. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the de- vice at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating condi- tions for extended periods may affect device reliability. Figure 10. Maximum Negative Overshoot Waveform Figure 11. Maximum Positive Overshoot Waveform OPERATING RANGES Industrial (I) Devices Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C Supply Voltages VCC Supply Voltages . . . . . . . . . . .+1.65 V to +1.95 V . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC ≥ VIO–100 mV VIO Supply Voltages . . . . . . . . . . . +1.65 V to +1.95 V Operating ranges define those limits between which the func- tionality of the device is guaranteed. 20 ns 20 ns +0.8 V –0.5 V 20 ns –2.0 V 20 ns 20 ns VCC +2.0 V VCC +0.5 V 20 ns 1.0 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |