| Electronic Components Datasheet Search |
|
AM29LV320ML112RRPI Datasheet(PDF) 52 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29LV320ML112RRPI Datasheet(HTML) 52 Page - SPANSION |
|
52 / 59 page ![]() 50 Am29LV320MH/L December 14, 2005 DA TA SH EET AC CHARACTERISTICS Alternate CE# Controlled Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. 3. For 1–16 words/1–32 bytes programmed. 4. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation. 5. Word/Byte programming specification is based upon a single word/byte programming operation not utilizing the write buffer. 6. AC specifications listed are tested with V IO = VCC. Contact AMD for information on AC operation with VIO ≠ VCC. 7. When using the program suspend/resume feature, if the suspend command is issued within t POLL, tPOLL must be fully re-applied upon resuming the programming operation. If the suspend command is issued after t POLL, tPOLL is not required again prior to reading the status bits upon resuming. Parameter Speed Options JEDEC Std. Description 90R 101, 101R 112, 112R 120, 120R Unit t AVAV t WC Write Cycle Time (Note 1) Min 90 100 110 120 ns t AVWL t AS Address Setup Time Min 0 ns t ELAX t AH Address Hold Time Min 45 ns t DVEH t DS Data Setup Time Min 45 ns t EHDX t DH Data Hold Time Min 0 ns t GHEL t GHEL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns t WLEL t WS WE# Setup Time Min 0 ns t EHWH t WH WE# Hold Time Min 0 ns t ELEH t CP CE# Pulse Width Min 45 ns t EHEL t CPH CE# Pulse Width High Min 30 ns t WHWH1 t WHWH1 Write Buffer Program Operation (Notes 2, 3) Typ 240 µs Effective Write Buffer Program Operation (Notes 2, 4) Per Byte Typ 7.5 µs Per Word Typ 15 µs Accelerated Effective Write Buffer Program Operation (Notes 2, 4) Per Byte Typ 6.25 µs Per Word Typ 12.5 µs Single Word/Byte Program Operation (Note 2, 5) Byte Typ 60 µs Word 60 Accelerated Single Word/Byte Programming Operation (Note 2) Byte Typ 54 µs Word 54 t WHWH2 t WHWH2 Sector Erase Operation (Note 2, 5) Typ 0.5 sec t RH RESET High Time Before Write (Note 1) Min 50 ns t POLL Program Valid before Status Polling (Note 7) Max 4 µs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |