Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29BDS128HE9VMI Datasheet(PDF) 61 Page - SPANSION

Part # AM29BDS128HE9VMI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BDS128HE9VMI Datasheet(HTML) 61 Page - SPANSION

Back Button AM29BDS128HE9VMI Datasheet HTML 57Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 58Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 59Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 60Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 61Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 62Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 63Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 64Page - SPANSION AM29BDS128HE9VMI Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
59
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. Figure shows total number of wait states set to seven cycles. The total number of wait states can be programmed from two
cycles to seven cycles. Clock is set for active rising edge.
2. If any burst address occurs at a 64-word boundary, two additional clock cycle are inserted, and is indicated by RDY.
3. The device is in synchronous mode.
Figure 18.
Synchronous Burst Mode Read
Note: Figure assumes 7 wait states for initial access and automatic detect synchronous read. D0–D7 in data waveform indicate
the order of data within a given 8-word address range, from lowest to highest. Starting address in figure is the 7th address in
range (A6). See “Requirements for Synchronous (Burst) Read Operation”. The Set Configuration Register command sequence
has been written with A18=1; device will output RDY with valid data.
Figure 19.
8-word Linear Burst with Wrap Around
Da
Da + 1
Da + n
OE#
Data
Addresses
Aa
AVD#
RDY
CLK
CE#
tCAS
tAAS
tAVC
tAVD
tAAH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
7 cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
12
3
4
56
7
tRDYS
tBACC
tACC
tCR
D6
D7
OE#
Data
Addresses
A6
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tIACC
tBDH
D0
D1
D5
D6
7 cycles for initial access shown.
Hi-Z
tRACC
1
2
3
456
7
tRDYS
tBACC
tACC
tCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com