Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM70PDL129CDH85IT Datasheet(PDF) 30 Page - SPANSION

Part # AM70PDL129CDH85IT
Description  Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM70PDL129CDH85IT Datasheet(HTML) 30 Page - SPANSION

Back Button AM70PDL129CDH85IT Datasheet HTML 26Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 27Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 28Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 29Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 30Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 31Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 32Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 33Page - SPANSION AM70PDL129CDH85IT Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
28
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
Bank
Sector
CE#f1
CE#f2
Sector Address
(A21-A12)
Sector Size
(Kwords)
Address Range (x16)
SA1-78
0
1
1001110XXX
32
270000h–277FFFh
SA1-79
0
1
1001111XXX
32
278000h–27FFFFh
SA1-80
0
1
1010000XXX
32
280000h–287FFFh
SA1-81
0
1
1010001XXX
32
288000h–28FFFFh
SA1-82
0
1
1010010XXX
32
290000h–297FFFh
SA1-83
0
1
1010011XXX
32
298000h–29FFFFh
SA1-84
0
1
1010100XXX
32
2A0000h–2A7FFFh
SA1-85
0
1
1010101XXX
32
2A8000h–2AFFFFh
SA1-86
0
1
1010110XXX
32
2B0000h–2B7FFFh
SA1-87
0
1
1010111XXX
32
2B8000h–2BFFFFh
SA1-88
0
1
1011000XXX
32
2C0000h–2C7FFFh
SA1-89
0
1
1011001XXX
32
2C8000h–2CFFFFh
SA1-90
0
1
1011010XXX
32
2D0000h–2D7FFFh
SA1-91
0
1
1011011XXX
32
2D8000h–2DFFFFh
SA1-92
0
1
1011100XXX
32
2E0000h–2E7FFFh
SA1-93
0
1
1011101XXX
32
2E8000h–2EFFFFh
SA1-94
0
1
1011110XXX
32
2F0000h–2F7FFFh
SA1-95
0
1
1011111XXX
32
2F8000h–2FFFFFh
Table 7.
Am29PDL129H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com